Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR1G4 Datasheet (PDF) - Texas Instruments

TLV431ACDBVR1G4 Datasheet PDF - Texas Instruments
Part # TLV431ACDBVR1G4
Download  TLV431ACDBVR1G4 Download
File Size   3395.6 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV431x Low-Voltage Adjustable Precision Shunt Regulator

TLV431ACDBVR1G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV431ACDBVR1G4 Datasheet PDF - Texas Instruments

Part # TLV431ACDBVR1G4
Download  TLV431ACDBVR1G4 Click to download

File Size   3395.6 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV431x Low-Voltage Adjustable Precision Shunt Regulator

TLV431ACDBVR1G4 Datasheet (HTML) - Texas Instruments


TLV431ACDBVR1G4 Product details

1 Features
• Low-voltage operation, VREF = 1.24V
• Adjustable output voltage, VO = VREF to 6V
• Reference voltage tolerances at 25°C
– 0.5% for TLV431B
– 1% for TLV431A
– 1.5% for TLV431
• Typical temperature drift
– 4mV (0°C to 70°C)
– 6mV (–40°C to 85°C)
– 11mV (–40°C to 125°C)
• Low operational cathode current, 80μA typical
• 0.25Ω typical output impedance
• Ultra-small SC-70 package offers 40% smaller
footprint than SOT-23-3
• See TLVH431 and TLVH432 for:
– Wider VKA (1.24V to 18 V) and IK (80mA)
– Additional SOT-89 package
– Multiple pinouts for SOT-23-3 and SOT-89
packages
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. on
all other products, production processing does not
necessarily include testing of all parameters.

2 Applications
• Adjustable voltage and current referencing
• Secondary side regulation in flyback SMPSs
• Zener replacement
• Voltage monitoring
• Comparator with integrated reference

3 Description
The TLV431 device is a low-voltage 3-terminal
adjustable voltage reference with specified thermal
stability over applicable industrial and commercial
temperature ranges. Output voltage can be set to
any value between VREF (1.24V) and 6V with two
external resistors (see the Parameter Measurement
Information section). These devices operate from a
lower voltage (1.24V) than the widely used TL431 and
TL1431 shunt-regulator references.
When used with an optocoupler, the TLV431 device is
an ideal voltage reference in isolated feedback circuits
for 3V to 3.3V switching-mode power supplies. These
devices have a typical output impedance of 0.25Ω.
Active output circuitry provides a very sharp turnon
characteristic, making them excellent replacements
for low-voltage Zener diodes in many applications,
including on-board regulation and adjustable power
supplies.




Similar Part No. - TLV431ACDBVR1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
985Kb / 36P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
1,013Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
1,015Kb / 39P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Similar Description - TLV431ACDBVR1G4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLV431 TI-TLV431_15 Datasheet
1Mb / 46P
TLV431x Low-Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com