Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15C0.25YY Datasheet (PDF) - Belden Inc.

15C0.25YY Datasheet PDF - Belden Inc.
Part # 15C0.25YY
Download  15C0.25YY Download
File Size   155.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt

15C0.25YY Datasheet (PDF)

Go To PDF Page Download Datasheet
15C0.25YY Datasheet PDF - Belden Inc.

Part # 15C0.25YY
Download  15C0.25YY Click to download

File Size   155.94 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 15 C 0.25mm² Str BC, PVC Ins, PVC Jkt

15C0.25YY Datasheet (HTML) - Belden Inc.


15C0.25YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 15 Conductor 0.25mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 15C0.25YY

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C01C SANYO-15C01C Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
15C01C SANYO-15C01C Datasheet
411Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01C-TB-E ONSEMI-15C01C-TB-E Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
logo
Sanyo Semicon Device
15C01C SANYO-15C01C_12 Datasheet
411Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Similar Description - 15C0.25YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8629 BELDEN-8629 Datasheet
166Kb / 2P
Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8623 BELDEN-8623 Datasheet
167Kb / 2P
Electronic, 15 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8468 BELDEN-8468 Datasheet
216Kb / 2P
Electronic, 15 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8458 BELDEN-8458 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com