Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11851M Datasheet (PDF) - Sanyo Semicon Device

LB11851M Datasheet PDF - Sanyo Semicon Device
Part # LB11851M
Download  LB11851M Download
File Size   74.2 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Microprocessor Fan Motor Interface Driver

LB11851M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11851M Datasheet PDF - Sanyo Semicon Device

Part # LB11851M
Download  LB11851M Click to download

File Size   74.2 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Microprocessor Fan Motor Interface Driver

LB11851M Datasheet (HTML) - Sanyo Semicon Device


LB11851M Product details

Overview
The LB11851M provides an interface between a microcontroller motor control signal and external MOS transistors. This device can implement a microprocessor fan driver with a minimal number of external components. The LB11851M is optimal for server and personal computer microprocessor fan drive in response to temperature or other external signals when high precision and high air flow are required.

Features
• Fan motor interface driver function (FGIN)
    ⇒ This IC accepts a signal from a microcontroller and interfaces to external power transistors (PMOS and NMOS) to provide high-efficiency low-power single-phase full-wave drive.
• Variable speed input pin (PWMIN)
    ⇒ PMOS side PWM control
    NMOS side current regeneration using slow decay is used to achieve quite high-speed control.
• Built-in kickback absorption circuit (OUT1P/2P)
    ⇒ This circuit absorbs the kickback current that is generated at phase switching or power on/off to achieve smooth
    current regeneration and protect the external transistors against destruction or degradation.
• Built-in current limiter circuit (SENSE)
    ⇒ This circuit implements a chopper-type current limiting control that operates at startup and during lock protection mode.
    The current detection voltage is set to a fixed 0.2V internally.
• Built-in microcontroller power supply (5VREG)




Similar Part No. - LB11851M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11851MC ONSEMI-LB11851MC Datasheet
181Kb / 5P
Microprocessor Fan Motor Interface Driver
May, 2013
More results


Similar Description - LB11851M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
Monolithic Digital IC Stepping Motor Driver IC
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
Monolithic Digital IC Stepping Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
LB11851TT SANYO-LB11851TT Datasheet
199Kb / 5P
Microprocessor Fan Motor Interface Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
Monolithic Digital IC Fan Motor Driver
logo
ON Semiconductor
LB11851FA ONSEMI-LB11851FA Datasheet
208Kb / 5P
Microprocessor Fan Motor Interface Driver
May, 2013
LB11851MC ONSEMI-LB11851MC Datasheet
181Kb / 5P
Microprocessor Fan Motor Interface Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com