Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173700 Datasheet (PDF) - Eaton All Rights Reserved.

173700 Datasheet PDF - Eaton All Rights Reserved.
Part # 173700
Download  173700 Download
File Size   2448.97 Kbytes
Page   68 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Thermal overload relays XTOD/XTOG

173700 Datasheet (PDF)

Go To PDF Page Download Datasheet
173700 Datasheet PDF - Eaton All Rights Reserved.

Part # 173700
Download  173700 Click to download

File Size   2448.97 Kbytes
Page   68 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Thermal overload relays XTOD/XTOG

173700 Datasheet (HTML) - Eaton All Rights Reserved.


173700 Product details

Product description
XTOD/XTOG thermal overload
relays offer precision motor
protection with phase loss
protection and ambient
temperature compensation. The
seperate mount design allows
for flexibility and the units can
be mounted on DIN rail or
directly on the panel adjacent
the motor contactor.

Features
• Precision motor protection up
to 97A
• Integral 1NO/1NC contact for
contactor control and alarm
signal
• Phase loss protection
• Ambient temperature
compensation
• DIN rail or panel mount
options

System overview
Thermal overload relays provide
protective features for 1 or 3
phase motors. The relay
monitors the operating current
of the motor and switched the
contactor off in the event of an
overload situation. It also
protects the motor from
damage during phase loss.

Standards and certifications
• GB 14048
• IEC/EN 60947
• CCC
• CE




Similar Part No. - 173700

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173700 FESTO-173700 Datasheet
85Kb / 1P
Compressed air filter
logo
Weidmuller
1737000000 WEIDMULLER-1737000000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 173700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
LC1D18M7 ETC2-LC1D18M7 Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Schneider Electric
LR2D3557 SCHNEIDER-LR2D3557_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 37...50A , class 20
May 25, 2022
LR2D3563 SCHNEIDER-LR2D3563_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 63...80A - class 20
May 25, 2022
LR3D3555 SCHNEIDER-LR3D3555_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays, 30...40A, class 20
May 25, 2022
LR2D3522 SCHNEIDER-LR2D3522_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 17...25A , class 20
May 30, 2022
LR3D3353 SCHNEIDER-LR3D3353_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 23...32A - class 10A
May 30, 2022
LR3D3355 SCHNEIDER-LR3D3355_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 30...40A , class 10A
May 30, 2022
LRD3365 SCHNEIDER-LRD3365_V01 Datasheet
171Kb / 3P
TeSys Deca thermal overload relays , 80...104A , class 10A
May 25, 2022
LRD33696 SCHNEIDER-LRD33696_V01 Datasheet
150Kb / 3P
TeSys Deca thermal overload relays , 110...140A , class 10A
May 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com