Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7940KD Datasheet (PDF) - Sanyo Semicon Device

LC7940KD Datasheet PDF - Sanyo Semicon Device
Part # LC7940KD
Download  LC7940KD Download
File Size   112.24 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC Dot-Matrix LCD Drivers

LC7940KD Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7940KD Datasheet PDF - Sanyo Semicon Device

Part # LC7940KD
Download  LC7940KD Click to download

File Size   112.24 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC Dot-Matrix LCD Drivers

LC7940KD Datasheet (HTML) - Sanyo Semicon Device


LC7940KD Product details

Overview
The LC7940KD and LC7941KDR are segment driver LSIs for driving large, dot-matrix LCD displays. They read 4-bit parallel or serial input, display data from a controller into an 80-bit latch, and then generate LCD drive signals corresponding to that data. The LC7940KD and LC7941KDR feature mirror-image pin assignments, allowing them to be used together to increase component density. They are designed to be used with the LC7942KD (QIP80D) common driver to drive large LCD panels.

Features
• 80 built-in LCD display drive circuits
• 1/8 to 1/128 display duty cycle
• Serial or 4-bit parallel data input
• Chip disable for low power dissipation for large-sized panels
• Bias supply voltage can be supplied externally
• Operating supply voltage and ambient temperature
    VDD (logic block): 2.7 to 5.5V/-20 to +85°C
    VDD-VEE (LCD block): 8 to 20V/-20 to +85°C
• CMOS process
• Package: QIP100D(LC7940KD)/QIP100DR(LC7941KDR)




Similar Part No. - LC7940KD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79400 SANYO-LC79400 Datasheet
180Kb / 8P
Dot Matrix LCD Driver
LC79400D SANYO-LC79400D Datasheet
180Kb / 8P
Dot Matrix LCD Driver
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
More results


Similar Description - LC7940KD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
Dot-matrix LCD Drivers
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
Dot-matrix LCD Drivers
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
CMOS DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
CMOS IC Dot-Matrix LCD Drivers
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
Dot-Matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
Dot-Matrix LCD Drivers
July, 2013
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
Dot-Matrix LCD Drivers
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com