Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF100-5 Datasheet (PDF) - Teledyne Technologies Incorporated

RF100-5 Datasheet PDF - Teledyne Technologies Incorporated
Part # RF100-5
Download  RF100-5 Download
File Size   97.11 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF

RF100-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF100-5 Datasheet PDF - Teledyne Technologies Incorporated

Part # RF100-5
Download  RF100-5 Click to download

File Size   97.11 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF

RF100-5 Datasheet (HTML) - Teledyne Technologies Incorporated


RF100-5 Product details

PERFORMANCE FEATURES
The ultraminiature RF100 and RF103 relays are designed to provide improved RF signal repeatability over the frequency range by balancing the aggregate insertion loss elements of the relays’ design. Highly suitable for use in attenuator and other RF circuits, the RF 100 and RF103 feature:
• High repeatability.
• Broader bandwidth.
• Metal enclosure for EMI shielding.
• Ground pin option to improve case grounding.
• High isolation between control and signal paths.
• Highly resistant to ESD.

CONSTRUCTION FEATURES
The following unique construction features and manufacturing techniques provide excellent resistance to environmental extremes and overall high reliability.
• Uni-frame motor design provides high magnetic efficiency and mechanical rigidity.
• Minimum mass components and welded construction provide maximum resistance to shock and vibration.
• Dual weld projection provides increased design robustness.
• Advanced cleaning techniques provide maximum assurance of internal cleanliness.
• Gold plated precious metal alloy contacts ensure reliable switching.
• Hermetically sealed . Solderable leads.




Similar Part No. - RF100-5

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Mersen
RF100/RL100 MERSEN-RF100/RL100 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
REYCONNS CHINA LIMITED
RF1001 REYCONNS-RF1001 Datasheet
250Kb / 6P
SAW Filter
logo
Rohm
RF1001NS2D ROHM-RF1001NS2D Datasheet
669Kb / 8P
Super Fast Recovery Diode
RF1001NS2DFH ROHM-RF1001NS2DFH Datasheet
949Kb / 7P
Super Fast Recovery Diode
More results


Similar Description - RF100-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF310-5 TELEDYNE-RF310-5 Datasheet
117Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE T0-5 RF BYPASS RELAY DC TO 3 GHz
A152-20-5 TELEDYNE-A152-20-5 Datasheet
229Kb / 7P
HIGH REPEATABILITY ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
GRF100 TELEDYNE-GRF100 Datasheet
494Kb / 4P
HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS
09/2021
GRF121A TELEDYNE-GRF121A Datasheet
903Kb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ 40GBPS MAGNETIC-LATCHING RF RELAY
06/2021
GRF131 TELEDYNE-GRF131 Datasheet
1Mb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ,40GBPS NON-LATCHING RF RELAY
11/2021
RF121 TELEDYNE-RF121 Datasheet
892Kb / 6P
HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY
09/2021
RF131 TELEDYNE-RF131 Datasheet
908Kb / 6P
HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
11/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com