Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73801DCQR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS73801DCQR Datasheet PDF - Texas Instruments
Part # TPS73801DCQR
Download  TPS73801DCQR Download
File Size   1686.21 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator

TPS73801DCQR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73801DCQR Datasheet PDF - Texas Instruments

Part # TPS73801DCQR
Download  TPS73801DCQR Click to download

File Size   1686.21 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator

TPS73801DCQR Datasheet (HTML) - Texas Instruments


TPS73801DCQR Product details

1 Features
1• Optimized for Fast Transient Response
• Output Current: 1.0 A
• Dropout Voltage: 300 mV
• Low Noise: 45 μVRMS (10 Hz to 100 kHz)
• 1-mA Quiescent Current
• No Protection Diodes Needed
• Controlled Quiescent Current in Dropout
• Adjustable Output Voltage: 1.21 to 20 V
• Less Than 1-μA Quiescent Current in Shutdown
• Stable With 10-μF Output Capacitor
• Stable With Ceramic Capacitors
• Reverse-Battery Protection
• No Reverse Current
• Thermal Limiting

2 Applications
• 3.3-V to 2.5-V Logic Power Supplies
• Post Regulator for Switching Supplies
• Portable/Battery-Powered Equipment.

3 Description
The TPS73801 is a low-dropout (LDO) regulator
optimized for fast transient response. The device can supply 1.0 A of output current with a dropout voltage
of 300 mV. Operating quiescent current is 1 mA,
dropping to less than 1 μA in shutdown. Quiescent
current is well controlled; it does not rise in dropout as it does with many other regulators. In addition to
fast transient response, the TPS73801 regulators
have very low output noise, which makes them ideal
for sensitive RF supply applications.
Output voltage range is from 1.21 to 20 V. The
TPS73801 regulators are stable with output
capacitors as low as 10 μF. Small ceramic capacitors
can be used without the necessary addition of ESR,
as is common with other regulators. Internal
protection circuitry includes reverse-battery
protection, current limiting, thermal limiting, and reverse-current protection. The devices are available
as an adjustable device with a 1.21-V reference
voltage. The TPS73801 regulators are available in
the 6-pin TO-223 (DCQ) packages.




Similar Part No. - TPS73801DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73801DCQR TI1-TPS73801DCQR Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results


Similar Description - TPS73801DCQR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com