Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG15GSUSC Datasheet (PDF) - KEC(Korea Electronics)

PG15GSUSC Datasheet PDF - KEC(Korea Electronics)
Part # PG15GSUSC
Download  PG15GSUSC Download
File Size   438.74 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Protection in Portable Electronics Applications.

PG15GSUSC Datasheet (PDF)

Go To PDF Page Download Datasheet
PG15GSUSC Datasheet PDF - KEC(Korea Electronics)

Part # PG15GSUSC
Download  PG15GSUSC Click to download

File Size   438.74 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Protection in Portable Electronics Applications.

PG15GSUSC Datasheet (HTML) - KEC(Korea Electronics)


PG15GSUSC Product details

Protection in Portable Electronics Applications.

FEATURES
• 350 Watts peak pulse power (tp=8/20μs)
• Transient protection for data lines to
   IEC61000-4-2(ESD) 15kV(Air), 8kV(Contact)
   IEC61000-4-4(EFT) 40A(tp=5/50ns)
   IEC61000-4-5(Lightning) 15A(tp=8/20μs)
• Small package for use in portable electronics.
• Suitable replacement for Multi-Layer Varistors in ESD protection applications.
• Protects on I/O or power line.
• Low clamping voltage.
• Low leakage current.
• Suffix U : Qualified to AEC-Q101.
                  ex) PG15GSUSC-RTK/HU
• Suffix U : USC(1) Package
                  ex) PG15GSUSC-RTK/PA

APPLICATIONS
• Cell phone handsets and accessories.
• Microprocessor based equipment.
• Personal digital assistants (PDA’ s)
• Notebooks, desktops, & servers.
• Portable instrumentation.
• Pagers peripherals.




Similar Part No. - PG15GSUSC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG15GSUSC KEC-PG15GSUSC Datasheet
34Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG15GSUSC KEC-PG15GSUSC_08 Datasheet
34Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG15GSUSC KEC-PG15GSUSC_15 Datasheet
34Kb / 2P
Protection in Portable Electronics
More results


Similar Description - PG15GSUSC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DXTEV KEC-PG03DXTEV Datasheet
439Kb / 2P
Protection in Portable Electronics Applications.
PG03EAESM KEC-PG03EAESM Datasheet
437Kb / 2P
Protection in Portable Electronics Applications.
PG05BAUSM KEC-PG05BAUSM Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG05BSESC KEC-PG05BSESC Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG05DXTET KEC-PG05DXTET Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG05DXTEV KEC-PG05DXTEV Datasheet
440Kb / 2P
Protection in Portable Electronics Applications.
PG05EAESM KEC-PG05EAESM Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG15FBUSC KEC-PG15FBUSC Datasheet
439Kb / 2P
Protection in Portable Electronics Applications.
logo
Unisonic Technologies
UZ5C056 UTC-UZ5C056 Datasheet
91Kb / 4P
PROTECTION IN PORTABLE ELECTRONICS APPLICATIONS
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
Protection in Portable Electronics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com