Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4026345 Datasheet (PDF) - TE Connectivity Ltd

4026345 Datasheet PDF - TE Connectivity Ltd
Part # 4026345
Download  4026345 Download
File Size   1802.03 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES

4026345 Datasheet (PDF)

Go To PDF Page Download Datasheet
4026345 Datasheet PDF - TE Connectivity Ltd

Part # 4026345
Download  4026345 Click to download

File Size   1802.03 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES

4026345 Datasheet (HTML) - TE Connectivity Ltd


4026345 Product details

APPLICATIONS
• PLC/IO devices
• Servo drives
• Material handling equipment
• Building and home automation devices
• Industrial controls
• Robotics
• Instrumentation and test equipment

ELECTRICAL
• Current rating: 2A (max.)
• Dielectric withstanding voltage: 650 VAC
• Operating voltage: 125 Vrms (max.)

SPECIFICATIONS
• Product specification: 108-64040-1
• Application specification: 114-32173
• RoHS & REACH compliant
• cURus: Pending
• VDE approval pending

MECHANICAL
• Operating temperature:
• -40°C to 105°C for tin plated receptacles
• -40°C to 125°C for gold plated receptacles
• Vibration: No electrical discontinuity greater than 1
microsecond

MATERIALS
• Plating:
• 30 µ” [0.76 µm] gold
• 15 µ” [0.38 µm] gold
• 4 µ” [0.1 µm] gold flash
• Tin
• Contact material: Phosphor bronze
• Housing material: High-temperature plastic (LCP), black
• Environmental: UL94 V0, low halogen
• Operating environment class III




Similar Part No. - 4026345

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40263 ANAREN-40263 Datasheet
207Kb / 3P
Power Dividers
40263 ANAREN-40263 Datasheet
213Kb / 4P
Power Dividers
logo
List of Unclassifed Man...
40263 ETC1-40263 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Anaren Microwave
40263 ANAREN-40263_14 Datasheet
213Kb / 4P
Power Dividers
More results


Similar Description - 4026345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
Discrete Crimp-to-Wire Pins/Receptacles/Housings
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles
logo
List of Unclassifed Man...
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Molex Electronics Ltd.
0638235900 MOLEX-0638235900 Datasheet
32Kb / 1P
Hand Crimp Tool for Wire-to-Board Crimp Terminals
08/26/2022
logo
TE Connectivity Ltd
104257-1 TEC-104257-1 Datasheet
316Kb / 6P
Housing, Receptacle, Wire-to-Board, 2 Position, .1 in [2.54 mm] Centerline, Crimp / Insulation Displacement (IDC), 1 Row, Black, AMPMODU MTE
06/20/2023
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com