Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317T Datasheet (PDF) - ON Semiconductor

LM317T Datasheet PDF - ON Semiconductor
Part # LM317T
Download  LM317T Download
File Size   341.42 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal Positive Adjustable Regulator

LM317T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317T Datasheet PDF - ON Semiconductor

Part # LM317T
Download  LM317T Click to download

File Size   341.42 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal Positive Adjustable Regulator

LM317T Datasheet (HTML) - ON Semiconductor


LM317T Product details

Features
• Output-Current In Excess of 1.5 A
• Output-Adjustable Between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short-Circuit Current Limiting
• Output-Transistor Safe Operating Area Compensation
• TO-220 Package

Description
This monolithic integrated circuit is an adjustable 3-terminal positive-voltage regulator designed to supply more
than 1.5 A of load current with an output voltage adjustable over a 1.2 V to 37 V range. It employs internal current limiting, thermal shutdown, and safe area
compensation.




Similar Part No. - LM317T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317T NSC-LM317T Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317T STMICROELECTRONICS-LM317T Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
133Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Similar Description - LM317T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317MDT TGS-LM317MDT Datasheet
51Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317S TGS-LM317S Datasheet
109Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
3-Terminal Positive Adjustable Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com