Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3771869 Datasheet (PDF) - Pulse A Technitrol Company

3771869 Datasheet PDF - Pulse A Technitrol Company
Part # 3771869
Download  3771869 Download
File Size   486.13 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Dual 1Gigabit Slimline Magnetic Modules

3771869 Datasheet (PDF)

Go To PDF Page Download Datasheet
3771869 Datasheet PDF - Pulse A Technitrol Company

Part # 3771869
Download  3771869 Click to download

File Size   486.13 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Dual 1Gigabit Slimline Magnetic Modules

3771869 Datasheet (HTML) - Pulse A Technitrol Company


3771869 Product details

● Fully RoHS and Halogen Free
● Designed to exceed IEEE802.3au over Industrial
temperature range -40 to +85°C
● Up to 35W PoE over 100m of UTP using 4pair connection
● Compatible with all Major PHYs
● 30% PCB saving compared to standard dual port devices




Similar Part No. - 3771869

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3771 ETC2-3771 Datasheet
255Kb / 2P
PRODUCT SPECIFICATION
logo
Molex Electronics Ltd.
37717-0001 MOLEX-37717-0001 Datasheet
104Kb / 2P
CoolFin??Heat Sink with Integrated Heat Pipes
37717-1001 MOLEX-37717-1001 Datasheet
104Kb / 2P
CoolFin??Heat Sink with Integrated Heat Pipes
logo
VARTA AG
3771777 VARTA-3771777 Datasheet
78Kb / 1P
VARTA INDUSTRIAL PRO
2022-04-06
logo
Renesas Technology Corp
3771G-18 RENESAS-3771G-18 Datasheet
352Kb / 9P
DTV, STB CLOCK SOURCE
111307
More results


Similar Description - 3771869

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6689 FILTRAN-6689 Datasheet
107Kb / 1P
1000 Base-T Magnetic Modules
7439 FILTRAN-7439 Datasheet
170Kb / 2P
LAN 1000 Base T Dual Port Magnetic Modules
logo
Superworld Electronics
SWG130301 SUPERWORLD-SWG130301 Datasheet
297Kb / 2P
1000 Base-T Magnetic Modules
logo
Bel Fuse Inc.
S558-5999-AT-F BEL-S558-5999-AT-F Datasheet
67Kb / 2P
1000BASE-T MAGNETIC MODULES
logo
XFMRS Inc.
XFVOIP XFMRS-XFVOIP Datasheet
152Kb / 2P
10/100 DUAL VOIP MAGNETIC MODULES
logo
Bel Fuse Inc.
X5585999AT-F BEL-X5585999AT-F Datasheet
67Kb / 2P
1000BASE-T MAGNETIC MODULES
logo
XFMRS Inc.
XFVOIP-XX XFMRS-XFVOIP-XX Datasheet
152Kb / 2P
10 / 100 DUAL VOIP MAGNETIC MODULES
2031 XFMRS-2031_15 Datasheet
118Kb / 2P
HIGH SPEED SMT MAGNETIC MODULES
XFVOIP-XX XFMRS-XFVOIP-XX_15 Datasheet
152Kb / 2P
10/100 DUAL VOIP MAGNETIC MODULES
logo
VITALCONN ELECTRONICS H...
TB48010S VITALCONN-TB48010S Datasheet
1Mb / 3P
GIGA DUAL PORT MAGNETIC MODULES SUPPORTS POE FUNCTION
2022/06/23 REV:A4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com