Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3P24D25 Datasheet (PDF) - Teledyne Technologies Incorporated

C3P24D25 Datasheet PDF - Teledyne Technologies Incorporated
Part # C3P24D25
Download  C3P24D25 Download
File Size   85.24 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output 25A 280 Vac DC control

C3P24D25 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3P24D25 Datasheet PDF - Teledyne Technologies Incorporated

Part # C3P24D25
Download  C3P24D25 Click to download

File Size   85.24 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output 25A 280 Vac DC control

C3P24D25 Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - C3P24D25

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C3P24D25 WILLOW-C3P24D25 Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
More results


Similar Description - C3P24D25

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
Output to 16A 280 Vac DC Control
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
Quad Output 25A 280 Vac DC control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
Single Output to 25A, 280 Vac DC control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
Output to 20A 280 Vac DC Control
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com