Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXU0101GX Datasheet (PDF) - Nexperia B.V. All rights reserved

NXU0101GX Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXU0101GX
Download  NXU0101GX Download
File Size   518.2 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-bit dual-supply buffer/level translator with Schmitt-trigger; 3-state

NXU0101GX Datasheet (PDF)

Go To PDF Page Download Datasheet
NXU0101GX Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXU0101GX
Download  NXU0101GX Click to download

File Size   518.2 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-bit dual-supply buffer/level translator with Schmitt-trigger; 3-state

NXU0101GX Datasheet (HTML) - Nexperia B.V. All rights reserved


NXU0101GX Product details

1. General description
The NXU0101 is a 1-bit, dual-supply level translating
buffer with Schmitt-trigger input and 3-state output. It
features one data input (A), one data output (YB), and
an output enable input (OE).
Both VCCA and VCCB can be supplied at any voltage
between 0.9 V and 5.5 V making the device suitable
for translating between any of the voltage nodes (1.2 V,
1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V).
This device facilitates asynchronous communication
between data buses. Transmit data with a fixed
direction (unidirectionally) from the A bus to the B bus
on one channel. The OE pin can be referenced to VCCA
and VCCB domain and when OE pin is set LOW the
output is disabled and enter a high-impedance OFFstate
which isolates the buses. The OE pin can be left
floating or externally pulled down to ground to ensure
the high-impedance state of the output during power
up or power down.
This device ensures low static and dynamic power
consumption across the entire supply range and is
fully specified for partial power down applications using
IOFF. The IOFF circuitry prevents potentially damaging
backflow current through the device when it is powered
down or if one of the power supplies is disconnected
(floating).
No power supply sequencing is required and output
glitches during power supply transitions are prevented.
As a result, glitches will not appear on the output for
supply transitions during power-up/down.

2. Features and benefits
• Wide supply voltage range:
• VCCA: 0.9 V to 5.5 V
• VCCB: 0.9 V to 5.5 V
• Low power consumption for supply voltage range
1.1 V to 5.5 V
• 3 μA (Tamb = 25 °C)
• 5 μA (Tamb = -40 °C to +125 °C)
• Schmitt-trigger inputs with integrated static high
ohmic pull-down resistor on the input
• Maximum data rates:
• 250 Mbps (≥ 1.8 V to 5 V translation)
• High output drive 12 mA at 5 V
• Output enable (OE) allows connection to VCCA or
VCCB domain
• Suspend mode when either one of the supply
voltages is below 100 mV or disconnected (floating)
• Low noise overshoot and undershoot <10% of
VCCO
• IOFF circuitry provides partial power-down mode
operation
• Latch-up performance exceeds 100 mA per
JESD78D Class II
• Complies with JEDEC standard:
• JESD8-12 (0.9 V to 1.3 V)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2500 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1500 V
• Specified from -40 °C to +85 °C and from -40 °C to
+125 °C

3. Applications
• General purpose I/O level translation
• Noisy environments or slow input signals
• Supports push-pull voltage translation for clock
signaling
• Consumer




Similar Part No. - NXU0101GX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXU0101GM-Q100 NEXPERIA-NXU0101GM-Q100 Datasheet
499Kb / 28P
1-bit dual-supply buffer/level translator with Schmitt-trigger; 3-state
Rev. 1 30 October 2024
NXU0101GS-Q100 NEXPERIA-NXU0101GS-Q100 Datasheet
499Kb / 28P
1-bit dual-supply buffer/level translator with Schmitt-trigger; 3-state
Rev. 1 30 October 2024
NXU0101GW-Q100 NEXPERIA-NXU0101GW-Q100 Datasheet
499Kb / 28P
1-bit dual-supply buffer/level translator with Schmitt-trigger; 3-state
Rev. 1 30 October 2024
More results


Similar Description - NXU0101GX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151_07 Datasheet
293Kb / 15P
10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Texas Instruments
TXU0102 TI-TXU0102 Datasheet
1Mb / 36P
TXU0102 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0202 TI-TXU0202 Datasheet
1Mb / 36P
TXU0202 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
MARCH 2022
TXU0102 TI1-TXU0102_V01 Datasheet
1Mb / 41P
TXU0102 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
REVISED MARCH 2022
TXU0202 TI1-TXU0202_V01 Datasheet
1Mb / 41P
TXU0202 Dual-Bit Fixed Direction Voltage-Level Translator with Schmitt-Trigger Inputs and 3-State Outputs
REVISED MARCH 2022
logo
Nexperia B.V. All right...
74AVC4T3144-Q100 NEXPERIA-74AVC4T3144-Q100 Datasheet
282Kb / 22P
4-bit dual-supply buffer/level translator; 3-state
Rev. 1 - 15 November 2019
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
74AVC4T3144 NEXPERIA-74AVC4T3144 Datasheet
278Kb / 22P
4-bit dual-supply buffer/level translator; 3-state
Rev. 2 - 24 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com