Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI412ADZBE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3HDMI412ADZBE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3HDMI412ADZBE
Download  PI3HDMI412ADZBE Download
File Size   660.62 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity

PI3HDMI412ADZBE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3HDMI412ADZBE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3HDMI412ADZBE
Download  PI3HDMI412ADZBE Click to download

File Size   660.62 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity

PI3HDMI412ADZBE Datasheet (HTML) - Pericom Semiconductor Corporation


PI3HDMI412ADZBE Product details

Description
Pericom Semiconductor’s PI3HDMI412AD, active-drive switch solution is targeted for high-resolution video networks that are based on DVI/HDMITM standards, and TMDS signal processing. The PI3HDMI412AD is an active single TMDS channel to two TMDS channel DeMux with Hi-Z outputs. The device drives differential signals to multiple video display units. It provides three controllable output swing levels that can be controlled through pin control or I2C control, depending on the mode select pin. The swing levels are 500mV, 700mV & 1000mV. This solution also provides a unique advanced pre-emphasis technique to increase rise and fall times which are reduced during transmission across long distances.

Features
• Supply voltage, VDD = 3.3V ±5%
• Compatible w/ DVI, HDMITM 1.1, 1.2, and 1.3 signals
• Supports both AC-coupled and DC-coupled inputs
• 1:2 Demux
• Supports Deep ColorTM Signals
• Configurable output swing control (500mV, 750mV, 1000mV)
• Configurable Pre-Emphasis levels (0dB, 1.5dB, 3.5dB, 6.0dB)
• Configurable De-Emphasis (0dB, -1.5dB, -3.5dB, -6.0dB)
• Configurable Equalization (1dB,3.5dB, 6dB, 8dB)
• Data Rate = 2.5Gbps (Max)
• Inputs w/ built-in termination
• Propagation delay < 2ns input
• Uni-Directional
• 10kV HBM ESD protection on all high speed data channels
   (Supplemental contact ESD test results are available upon
   request)
• Packaging (Pb-free & Green): 56-pad TQFN (ZB56)




Similar Part No. - PI3HDMI412ADZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-ABE PERICOM-PI3HDMI412-ABE Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-AZHE PERICOM-PI3HDMI412-AZHE Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-BAE PERICOM-PI3HDMI412-BAE Datasheet
596Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results


Similar Description - PI3HDMI412ADZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
logo
Texas Instruments
SN75DP130 TI1-SN75DP130 Datasheet
2Mb / 31P
DisplayPort1:1 Re-Driver with Link Training
APRIL2011
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Pericom Semiconductor C...
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PI3HDX412BD PERICOM-PI3HDX412BD Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3VDP612 PERICOM-PI3VDP612 Datasheet
1,010Kb / 15P
High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com