Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMHAXGXXA Datasheet (PDF) - Microchip Technology

ATSAMHAXGXXA Datasheet PDF - Microchip Technology
Part # ATSAMHAXGXXA
Download  ATSAMHAXGXXA Download
File Size   11149.84 Kbytes
Page   781 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power Automotive SiP Product with 32-bit ARM® Cortex®-M0 Processor and LIN SBC

ATSAMHAXGXXA Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAMHAXGXXA Datasheet PDF - Microchip Technology

Part # ATSAMHAXGXXA
Download  ATSAMHAXGXXA Click to download

File Size   11149.84 Kbytes
Page   781 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power Automotive SiP Product with 32-bit ARM® Cortex®-M0 Processor and LIN SBC

ATSAMHAXGXXA Datasheet (HTML) - Microchip Technology


ATSAMHAXGXXA Product details

Features
Microcontroller
• Processor:
– ARM Cortex-M0+ CPU running at up to 48 MHz
• Single-cycle hardware multiplier
• Micro Trace Buffer (MTB)
• Memories:
– 16/32/64 KB in-system self-programmable Flash
– 0.5/1/2 KB Read-While-Write (RWW) Flash section
– 4/4/8 KB SRAM memory
• System:
– Power-on Reset (POR) and Brown-out Detection (BOD)
– Internal and external clock options with 48 MHz Digital Frequency Locked Loop (DFLL48M) and 48 MHz to
96 MHz Fractional Digital Phase-Locked Loop (FDPLL96M)
– External Interrupt Controller (EIC)
– Up to 14 external interrupts
– One nonmaskable interrupt
– Two-Pin Serial Wire Debug (SWD) programming, test and debugging interface
• Low Power:
– Idle and Standby Sleep modes
– SleepWalking peripherals
• Peripherals:
– 8-channel Direct Memory Access Controller (DMAC)
– 12-channel Event System
– Up to five 16-bit Timer/Counters (TC), configurable as either:
• One 16-bit TC with compare/capture channels
• One 8-bit TC with compare/capture channels
Features
Microcontroller
• Processor:
– ARM Cortex-M0+ CPU running at up to 48 MHz
• Single-cycle hardware multiplier
• Micro Trace Buffer (MTB)
• Memories:
– 16/32/64 KB in-system self-programmable Flash
– 0.5/1/2 KB Read-While-Write (RWW) Flash section
– 4/4/8 KB SRAM memory
• System:
– Power-on Reset (POR) and Brown-out Detection (BOD)
– Internal and external clock options with 48 MHz Digital Frequency Locked Loop (DFLL48M) and 48 MHz to
96 MHz Fractional Digital Phase-Locked Loop (FDPLL96M)
– External Interrupt Controller (EIC)
– Up to 14 external interrupts
– One nonmaskable interrupt
– Two-Pin Serial Wire Debug (SWD) programming, test and debugging interface
• Low Power:
– Idle and Standby Sleep modes
– SleepWalking peripherals
• Peripherals:
– 8-channel Direct Memory Access Controller (DMAC)
– 12-channel Event System
– Up to five 16-bit Timer/Counters (TC), configurable as either:
• One 16-bit TC with compare/capture channels
• One 8-bit TC with compare/capture channels
• I/O:
– Up to 32 programmable I/O pins
• Packages:
– 48-pin VQFN
Applications
• LIN Nodes
• LIN-Connected Switch Panels
• LIN Actuators, Sensors
• HVAC
LIN SBC(1)
• Up to 40V Supply Voltage
• Operating Voltage VS = 5V to 28V
• Supply Current:
– Typically 9 μA supply current during Sleep mode
– Typically 47 μA supply current in Silent mode
– Very low-current consumption at low supply voltages (2V < VS < 5.5V): typically 130 μA
• Linear Low-Drop Voltage Regulator, 85 mA Current Capability:
– MLC(2) capacitor with 0Ω ESR
– Normal, Fail-Safe and Silent modes
– VCC = 3.3V, ±2%
– Sleep mode: VCC is switched off
• VCC Undervoltage Detection with Open-Drain Reset Output (NRES, 4 ms Reset Time)
• Voltage Regulator is Short-Circuit and Overtemperature Protected
• LIN Physical Layer in Compliance with LIN 2.0, 2.1, 2.2, 2.2A and SAEJ2602-2
• Wake-up Capability via LIN Bus (100 μs dominant)
• Wake-up Source Recognition
• TXD Time-out Timer
• Bus Pin is Overtemperature and Short-Circuit Protected vs. GND and Battery
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.3”
• Interference and Damage Protection in Compliance with ISO 7637




Similar Part No. - ATSAMHAXGXXA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2133B ATMEL-ATSAM2133B Datasheet
261Kb / 22P
Low-power Synthesizer with Effects and Built-in RAM
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM2193-G ATMEL-ATSAM2193-G Datasheet
130Kb / 14P
Sound Synthesis
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
More results


Similar Description - ATSAMHAXGXXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com