Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB14 Datasheet (PDF) - Microchip Technology

AVR16EB14 Datasheet PDF - Microchip Technology
Part # AVR16EB14
Download  AVR16EB14 Download
File Size   12002.97 Kbytes
Page   615 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR16EB14/20/28/32 Preliminary Data Sheet

AVR16EB14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVR16EB14 Datasheet PDF - Microchip Technology

Part # AVR16EB14
Download  AVR16EB14 Click to download

File Size   12002.97 Kbytes
Page   615 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR16EB14/20/28/32 Preliminary Data Sheet

AVR16EB14 Datasheet (HTML) - Microchip Technology


AVR16EB14 Product details

Features
• AVR® CPU
– Running at up to 20 MHz
– Single-cycle I/O register access
– Two-level interrupt controller
– Two-cycle hardware multiplier
– Supply voltage range: 1.8-5.5V
• Memories
– 16 KB In-system-programmable Flash memory with a true read-while-write operation
– 2 KB SRAM
– 512B EEPROM
– 64B of user row in nonvolatile memory that can keep data during chip-erase and be programmed while
the device is locked
– Write/erase endurance
• Flash: 1,000 cycles
• EEPROM: 100,000 cycles
– Data retention: 40 Years at 55°C
• System
– Power-on Reset (POR) circuit
– Brown-out Detector (BOD) with user-programmable levels
– Voltage Level Monitor (VLM) with interrupt at a programmable level above the BOD level
– Clock options:
• High-precision internal oscillator with selectable frequency up to 20 MHz (OSCHF)
– Auto-tuning for improved internal oscillator accuracy
• Internal PLL up to 80 MHz for high-frequency operation of Timer/Counter type E/F
• Internal ultra-low power 32.768 kHz oscillator (OSC32K)
• External 32.768 kHz crystal oscillator (XOSC32K)
• External clock input
– Single-pin Unified Program and Debug Interface (UPDI)
– Three sleep modes
• Idle with all peripherals running for immediate wake-up
• Standby with a configurable operation of selected peripherals
• Power-Down with full data retention
• Peripherals
– Two 16-bit Timer/Counters type B (TCB) with input capture for capture and signal measurements
– One 16-bit Timer/Counter type E (TCE) with four compare channels for PWM generation and Waveform
Extension (WEX)
– One 24-bit Timer/Counter type F (TCF) for frequency generation
– One 16-bit Real-Time Counter (RTC) that can run from an external crystal or internal oscillator
– One USART with fractional baud rate generator, auto-baud, and start-of-frame detection
– One host/client Serial Peripheral Interface (SPI)
– One Two-Wire Interface (TWI) with dual address match
• Independent host and client operation (Dual mode)
• Phillips I2C compatible
• Standard mode (Sm, 100 kHz)
• Fast mode (Fm, 400 kHz)
• Fast mode plus (Fm+, 1 MHz)
– Event System for CPU-independent and predictable inter-peripheral signaling
– Configurable Custom Logic (CCL) with up to four programmable Look-up Tables (LUTs)
– One 12-bit, 300 ksps, differential Analog-to-Digital Converter (ADC) with a programmable gain amplifier
(PGA)
– Two Analog Comparators (ACs) with window compare functions
– Multiple voltage references (VREF)
• 1.024V
• 2.048V
• 2.500V
• 4.096V
• VREFA
• VDD
– Automated Cyclic Redundancy Check (CRC) Flash program memory scan
– Watchdog Timer (WDT) with Window mode and separate on-chip oscillator
– External interrupt on all general purpose pins
• I/O and Packages:
– Up to 28/27 programmable I/O pins
– 14-pin SOIC and TSSOP
– 20-pin SSOP and VQFN
– 28-pin SPDIP, SSOP and VQFN
– 32-pin VQFN and TQFP
• Temperature Ranges
– Industrial: -40°C to 85°C ambient
– Extended: -40°C to 125°C ambient




Similar Part No. - AVR16EB14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AVR16EB32 MICROCHIP-AVR16EB32 Datasheet
9Mb / 46P
AVR16EB32 Curiosity Nano
Rev. A Date 10/2023
More results


Similar Description - AVR16EB14

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
SBS Telecom Standard Product Data Sheet Preliminary
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
NSE-20G??Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
RM5231A PMC-RM5231A Datasheet
595Kb / 40P
RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
DATA SHEET REV.2.0(PRELIMINARY)
logo
Infineon Technologies A...
BUP311D INFINEON-BUP311D Datasheet
71Kb / 9P
IGBT With Antiparallel Diode Preliminary data sheet
May-06-1999
logo
Silicon Laboratories
SI5316 SILABS-SI5316 Datasheet
583Kb / 16P
PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
Technical Data Sheet TOP View LEDs(Preliminary)
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
PRELIMINARY DATA SHEET
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com