Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80136EVAL1Z Datasheet (PDF) - Renesas Technology Corp

ISL80136EVAL1Z Datasheet PDF - Renesas Technology Corp
Part # ISL80136EVAL1Z_V01
Download  ISL80136EVAL1Z Download
File Size   620.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Evaluation Board

ISL80136EVAL1Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80136EVAL1Z Datasheet PDF - Renesas Technology Corp

Part # ISL80136EVAL1Z_V01
Download  ISL80136EVAL1Z Click to download

File Size   620.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Evaluation Board

ISL80136EVAL1Z Datasheet (HTML) - Renesas Technology Corp


ISL80136EVAL1Z Product details

• Wide VIN range of 6V to 40V
• Adjustable output voltage from 2.5V to 12V
• IOUT is 50mA for ISL80136 and 150mA for ISL80138
• Ultra low 18μA typical quiescent current
• ±1% accurate voltage reference
• Overcurrent protection
• Over-temperature/thermal protection




Similar Part No. - ISL80136EVAL1Z_V01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136EVAL1Z INTERSIL-ISL80136EVAL1Z Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
ISL80136EVAL1Z INTERSIL-ISL80136EVAL1Z Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Renesas Technology Corp
ISL80136EVAL1Z RENESAS-ISL80136EVAL1Z Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
More results


Similar Description - ISL80136EVAL1Z_V01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com