Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBH0204R Datasheet (PDF) - Sanyo Semicon Device

SBH0204R Datasheet PDF - Sanyo Semicon Device
Part # SBH0204R
Download  SBH0204R Download
File Size   48.56 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 40V, 0.2A Rectifier

SBH0204R Datasheet (PDF)

Go To PDF Page Download Datasheet
SBH0204R Datasheet PDF - Sanyo Semicon Device

Part # SBH0204R
Download  SBH0204R Click to download

File Size   48.56 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 40V, 0.2A Rectifier

SBH0204R Datasheet (HTML) - Sanyo Semicon Device


SBH0204R Product details

40V, 0.2A Rectifier

Features
• Supports automatic mounting and permits SBH0204R applied sets to be made smaller.
• Low forward voltage (VF max=0.54V).
• Average output current : IO=0.2A.




Similar Part No. - SBH0204R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
More results


Similar Description - SBH0204R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
Schottky Barrier Diode 40V, 0.2A Rectifier
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30810 Rev. 2 - 2
SDM0230CSP DIODES-SDM0230CSP Datasheet
250Kb / 4P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com