Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWW-2815-SB Datasheet (PDF) - Eravant

SWW-2815-SB Datasheet PDF - Eravant
Part # SWW-2815-SB
Download  SWW-2815-SB Download
File Size   312.61 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-28 Waveguide Bulkhead Adapter, 1.5” Length

SWW-2815-SB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWW-2815-SB Datasheet PDF - Eravant

Part # SWW-2815-SB
Download  SWW-2815-SB Click to download

File Size   312.61 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-28 Waveguide Bulkhead Adapter, 1.5” Length

SWW-2815-SB Datasheet (HTML) - Eravant


SWW-2815-SB Product details

Description:
SWW-2815-SB is a Ka-band waveguide bulkhead adapter with a WR-28 waveguide and UG-599/U square flange for applications where panel mount waveguide interfaces are required. The adapter is manufactured with precision EDM machining process to ensure high quality and ruggedness. The adapter is offered to cover the frequency range of 26.5 to 40 GHz.
Features:
 Frequency Coverage: 26.5 to 40 GHz
 Rugged Waveguide Configuration
 Low Insertion Loss
Applications:
 Test Instrumentation
 Sub-assemblies




Similar Part No. - SWW-2815-SB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWW-2805-SB ERAVANT-SWW-2805-SB Datasheet
200Kb / 1P
WR-28 Waveguide Bulkhead Adapter
Rev. 1.0
More results


Similar Description - SWW-2815-SB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGK1000 PASTERNACK-PEWGK1000 Datasheet
451Kb / 3P
WR-28 Waveguide Gasket kit Square Cover
PEWAD5005 PASTERNACK-PEWAD5005 Datasheet
366Kb / 3P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
PEWAD5008 PASTERNACK-PEWAD5008 Datasheet
423Kb / 4P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
PE-W28SF005-12 PASTERNACK-PE-W28SF005-12_V01 Datasheet
550Kb / 4P
WR-28 Seamless Flexible Waveguide
PE-W28SF005-24 PASTERNACK-PE-W28SF005-24_V01 Datasheet
551Kb / 4P
WR-28 Seamless Flexible Waveguide
PE-W28SF005-36 PASTERNACK-PE-W28SF005-36_V01 Datasheet
551Kb / 4P
WR-28 Seamless Flexible Waveguide
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12_V01 Datasheet
545Kb / 4P
WR-28 Twistable Flexible Waveguide
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24_V01 Datasheet
540Kb / 4P
WR-28 Twistable Flexible Waveguide
PE-W28TF005-36 PASTERNACK-PE-W28TF005-36_V01 Datasheet
541Kb / 4P
WR-28 Twistable Flexible Waveguide
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com