Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISA150233C03LMDS Datasheet (PDF) - Infineon Technologies AG

ISA150233C03LMDS Datasheet PDF - Infineon Technologies AG
Part # ISA150233C03LMDS
Download  ISA150233C03LMDS Download
File Size   1159.28 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 3 Power‑Transistors, 30 V

ISA150233C03LMDS Datasheet (PDF)

Go To PDF Page Download Datasheet
ISA150233C03LMDS Datasheet PDF - Infineon Technologies AG

Part # ISA150233C03LMDS
Download  ISA150233C03LMDS Click to download

File Size   1159.28 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 3 Power‑Transistors, 30 V

ISA150233C03LMDS Datasheet (HTML) - Infineon Technologies AG


ISA150233C03LMDS Product details

Features
• Complementary N‑ and P‑channel
• Very low on‑resistance RDS(on)
• Superior thermal resistance
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - ISA150233C03LMDS

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISA1515 XPPOWER-ISA1515 Datasheet
273Kb / 3P
DC-DC Converter
ISA1515 XPPOWER-ISA1515 Datasheet
401Kb / 3P
DC-DC Converter
logo
Isahaya Electronics Cor...
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
172Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
172Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Similar Description - ISA150233C03LMDS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
PD122N10N3G INFINEON-PD122N10N3G Datasheet
510Kb / 9P
OptiMOS™3 Power-Transistor
2014-05-19
IQE030N06NM5 INFINEON-IQE030N06NM5 Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com