Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFP48V200A Datasheet (PDF) - Aims Power

LFP48V200A Datasheet PDF - Aims Power
Part # LFP48V200A
Download  LFP48V200A Download
File Size   1288.2 Kbytes
Page   24 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Lithium Battery Pack 24V / 48V

LFP48V200A Datasheet (PDF)

Go To PDF Page Download Datasheet
LFP48V200A Datasheet PDF - Aims Power

Part # LFP48V200A
Download  LFP48V200A Click to download

File Size   1288.2 Kbytes
Page   24 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Lithium Battery Pack 24V / 48V

LFP48V200A Datasheet (HTML) - Aims Power


LFP48V200A Product details

Product Features
Up to 8 times more cycles compared to other battery technologies
3500 cycles at 80% DoD, 6000 cycles at 60% DoD
Short circuit protection
Automatic low voltage shutdown
Over charge protection
Over discharge protection
Mount in any orientation
Multiple batteries: 10 batteries in parallel maximum
Automatic cell balancing
High output current for inverters
Battery status LED located on the front of the battery displays SOC percentage
RS485 & CAN ports
Power switch & Remote ON/OFF
Built in Battery Management System (BMS)
RoHS compliant
IP21
Reverse polarity protection (caution)
No venting or gassing
BMS temperature protection




Similar Part No. - LFP48V200A

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFP4000-E4BMB SICK-LFP4000-E4BMB Datasheet
221Kb / 4P
LEVEL SENSORS
2016-05-11
LFP4000-E4NMB SICK-LFP4000-E4NMB Datasheet
254Kb / 4P
LEVEL SENSORS
2016-05-11
LFP4000-F4NMB SICK-LFP4000-F4NMB Datasheet
591Kb / 6P
LEVEL SENSORS
2014-09-01
LFP4000-G1BMB SICK-LFP4000-G1BMB Datasheet
312Kb / 4P
LEVEL SENSORS
2016-05-14
LFP4000-G1NMB SICK-LFP4000-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-14
More results


Similar Description - LFP48V200A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
1 lithium-ion rechargeable battery pack
logo
Maxim Integrated Produc...
MAX17301GEVKIT MAXIM-MAX17301GEVKIT Datasheet
9Mb / 41P
Lithium battery pack of desired configuration
Rev 4; 3/21
MAX17300GEVKIT MAXIM-MAX17300GEVKIT Datasheet
9Mb / 32P
Lithium battery pack of desired configuration
Rev 3; 2/21
MAX17263GEVKIT MAXIM-MAX17263GEVKIT Datasheet
1Mb / 17P
Lithium battery pack of desired configuration
Rev 0; 7/18
MAX17261GEVKIT MAXIM-MAX17261GEVKIT Datasheet
1Mb / 17P
Lithium battery pack of desired configuration
Rev 0; 5/18
MAX17260GEVKIT MAXIM-MAX17260GEVKIT Datasheet
1Mb / 17P
Lithium battery pack of desired configuration
Rev 0; 5/18
MAX17205GEVKIT MAXIM-MAX17205GEVKIT Datasheet
2Mb / 28P
Lithium battery pack of desired configuration
Rev 0; 4/16
logo
IOGEAR
GBP48V18AH IOGEAR-GBP48V18AH Datasheet
116Kb / 2P
48V 2U External Battery Pack for GBB2000N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com