Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1313281 Datasheet (PDF) - PHOENIX CONTACT

1313281 Datasheet PDF - PHOENIX CONTACT
Part # 1313281
Download  1313281 Download
File Size   416.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/2-C4-FT25-MS2,5 - Device connector front mounting

1313281 Datasheet (PDF)

Go To PDF Page Download Datasheet
1313281 Datasheet PDF - PHOENIX CONTACT

Part # 1313281
Download  1313281 Click to download

File Size   416.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/2-C4-FT25-MS2,5 - Device connector front mounting

1313281 Datasheet (HTML) - PHOENIX CONTACT


1313281 Product details

Device connector front mounting, Range of articles: PRC 20, color: black, number of positions: 2,
min. conductor cross section: 0.5 mm2, max. conductor cross section: 2.5 mm2, rated voltage:
400 V, rated current: 20 A, Connection method: Screw connection, Contact connection type: Pin,
Setting option for release: 1. with a tool or 2. by hand, scope: SELV

Your advantages
• More space on the device front with current transmission up to 20 A in a minimum amount of space
• Duo-Unlock technology for greater flexibility during installation and maintenance
• Reliable use under extreme ambient conditions with high degrees of protection and impact resistance
• Simple handling with proven crimp or screw connection technology
• Mechanical and color coding for quick and error-free startup




Similar Part No. - 1313281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1313280 PHOENIX-1313280 Datasheet
415Kb / 8P
PRC 20/2-C3-FT25-FS2,5 - Device connector front mounting
1313283 PHOENIX-1313283 Datasheet
414Kb / 8P
PRC 20/2-C4-FT25-FS2,5 - Device connector front mounting
1313285 PHOENIX-1313285 Datasheet
289Kb / 7P
PRC 20/2-C1-FC-MS2,5 6-14 - Connector
1313288 PHOENIX-1313288 Datasheet
288Kb / 7P
PRC 20/2-C1-FC-FS2,5 6-14 - Coupler connector
More results


Similar Description - 1313281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308648 PHOENIX-1308648 Datasheet
287Kb / 4P
Device connector front mounting - PRC 20/5-C1-FT25-MS2,5
Nov 3, 2022
1308633 PHOENIX-1308633 Datasheet
187Kb / 4P
PRC 20/4-C1-FT25-MS2,5 - Device connector front mounting
1308635 PHOENIX-1308635 Datasheet
186Kb / 4P
PRC 20/4-C2-FT25-MS2,5 - Device connector front mounting
1308654 PHOENIX-1308654 Datasheet
186Kb / 4P
PRC 20/5-C2-FT25-MS2,5 - Device connector front mounting
1309417 PHOENIX-1309417 Datasheet
187Kb / 4P
PRC 20/5-C4-FT25-MS2,5 - Device connector front mounting
1309414 PHOENIX-1309414 Datasheet
184Kb / 4P
PRC 20/4-C4-FT25-FS2,5 - Device connector front mounting
1309418 PHOENIX-1309418 Datasheet
184Kb / 4P
PRC 20/5-C4-FT25-FS2,5 - Device connector front mounting
1308637 PHOENIX-1308637 Datasheet
186Kb / 4P
PRC 20/4-C3-FT25-MS2,5 - Device connector front mounting
1308658 PHOENIX-1308658 Datasheet
186Kb / 4P
PRC 20/5-C3-FT25-MS2,5 - Device connector front mounting
1309413 PHOENIX-1309413 Datasheet
186Kb / 4P
PRC 20/4-C4-FT25-MS2,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com