Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3008 Datasheet (PDF) - Silicon Laboratories

SI3008 Datasheet PDF - Silicon Laboratories
Part # SI3008
Download  SI3008 Download
File Size   874.98 Kbytes
Page   72 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description V.22BIS ISOMODEM짰 WITH LOW-COST DAA

SI3008 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3008 Datasheet PDF - Silicon Laboratories

Part # SI3008
Download  SI3008 Click to download

File Size   874.98 Kbytes
Page   72 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description V.22BIS ISOMODEM짰 WITH LOW-COST DAA

SI3008 Datasheet (HTML) - Silicon Laboratories


SI3008 Product details

Description
The Si2401 ISOmodem® is a complete, two-chip, 2400 bps modem integrating Silicon Laboratories’ fourth-generation direct access arrangement (DAA), which provides a globally-programmable telephone line interface with an unprecedented level of integration. Available in two small packages, this compact solution eliminates the need for a separate DSP data pump, modem controller, codec, isolation transformer, relay, opto-isolators, and 2–4 wire hybrid. The Si2401 provides conventional data formats at connect rates of up to 2400 bps with full-duplex operation over the Public Switched Telephone Network (PSTN). This device is ideal for embedded modem applications due to its small size, minimal external component count, and low power consumption.

Features
■ Data modem formats
    • 2400 bps: V.22bis
    • 1200 bps: V.22, V.23, Bell 212A
    • 300 bps: V.21, Bell 103
    • Fast connect and V.23 reversing
    • SIA and other security protocols
■ 27 MHz CLKIN support
■ Caller ID detection and decode
■ UART with flow control
■ Integrated DAA
    • Over 6000 V capacitive isolation
    • Parallel phone detection
    • Compliant with FCC, China, JATE, and 31 other PTTs
    • Line-in-use detection
■ AT command set support
■ Call progress support
■ 3.3 V Power
■ Lead-free and RoHS-compliant packages

Applications
■ Set-top boxes
■ Point-of-sale
■ ATM terminals
■ Security systems
■ Medical monitoring
■ Power meters




Similar Part No. - SI3008

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
751Kb / 72P
V.22BIS ISOMODEM WITH LOW-COST DAA
More results


Similar Description - SI3008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Synaptics Incorporated.
CX90240 CONEXANT-CX90240 Datasheet
262Kb / 2P
V.22bis Modem with 4th Generation SmartDAA
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
V.22BIS ISOMODEM WITH LOW-COST DAA
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com