Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3113D301X Datasheet (PDF) - RICOH electronics devices division

R3113D301X Datasheet PDF - RICOH electronics devices division
Part # R3113D301X
Download  R3113D301X Download
File Size   314.4 Kbytes
Page   18 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW VOLTAGE DETECTOR

R3113D301X Datasheet (PDF)

Go To PDF Page Download Datasheet
R3113D301X Datasheet PDF - RICOH electronics devices division

Part # R3113D301X
Download  R3113D301X Click to download

File Size   314.4 Kbytes
Page   18 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW VOLTAGE DETECTOR

R3113D301X Datasheet (HTML) - RICOH electronics devices division


R3113D301X Product details

OUTLINE
The R3113D series are CMOS-based voltage detector ICs with high detector threshold accuracy and ultra-low supply current, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for detector threshold setting, an output driver and a hysteresis circuit. The detector threshold is fixed with high accuracy internally and does not require any adjustment.
Two output types, Nch open drain type and CMOS type are available.
Since the package is ultra-small SON1408-3 (MFPAK), high density mounting on board is possible .

FEATURES
• Ultra-low Supply Current ....................................Typ. 1.4µA (VDET>1.5V: VDD=VDET+1.0V)
• Wide Range of Operating Voltage ......................0.6V to 6.0V (VDET=3.0V, Topt=25°C)
• Detector Threshold .............................................Stepwise setting with a step of 0.1V in the range
                                                                               from 1.2V to 4.5V is possible.
• High Accuracy Detector Threshold..............................................±2.0%
• Low Temperature-Drift Coefficient of Detector Threshold...Typ. ±100ppm/°C
• Two Output Types ..............................................................................Nch Open Drain and CMOS
• Ultra-small Package..........................................................................SON1408-3

APPLICATIONS
• CPU and Logic Circuit Reset
• Battery Checker
• Window Comparator
• Wave Shaping Circuit
• Battery Back-up Circuit
• Power Failure Detector




Similar Part No. - R3113D301X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
logo
Nisshinbo Micro Devices...
R3111D091A NISSHINBO-R3111D091A Datasheet
706Kb / 43P
LOW VOLTAGE DETECTOR
logo
RICOH electronics devic...
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
More results


Similar Description - R3113D301X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR?
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
LOW VOLTAGE DETECTOR
logo
Rohm
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
Low Voltage Detector IC
logo
RICOH electronics devic...
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com