Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSON8-FL-V01 Datasheet (PDF) - Amkor Technology

TSON8-FL-V01 Datasheet PDF - Amkor Technology
Part # TSON8-FL-V01
Download  TSON8-FL-V01 Download
File Size   928.66 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description TSON8-FL (Flat Lead) is a smaller package (3.3 x 3.3 mm) with thermal enhancments that give a 64% reduction in footprint area compared with standard SOIC 8 ld package

TSON8-FL-V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSON8-FL-V01 Datasheet PDF - Amkor Technology

Part # TSON8-FL-V01
Download  TSON8-FL-V01 Click to download

File Size   928.66 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description TSON8-FL (Flat Lead) is a smaller package (3.3 x 3.3 mm) with thermal enhancments that give a 64% reduction in footprint area compared with standard SOIC 8 ld package

TSON8-FL-V01 Datasheet (HTML) - Amkor Technology


TSON8-FL-V01 Product details

FEATURES
Small and thermally enhanced package with the same power dissipation but 64% less footprint area than SOIC 8 ld
Dual Cu Clip interconnect for better heat dissipation efficiency
Clip + wire and multiple wire options are also available
Turnkey with test and packing services
Green materials: Pb-free plating & halogen-free mold compound

Applications
TSON8-FL is suitable for medium-power applications, designed for low on-resistance and high-speed-switching MOSFETs.
Battery protection circuits
Notebook PCs
Portable electronic devices
DC-DC converters




Similar Part No. - TSON8-FL-V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
TSON8-FL AMKOR-TSON8-FL Datasheet
740Kb / 2P
Bare copper leadframe with no plating
More results


Similar Description - TSON8-FL-V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP64 STMICROELECTRONICS-TQFP64 Datasheet
128Kb / 5P
64-LEAD THIN QUAD FLAT PACKAGE
Feb-2003
logo
ON Semiconductor
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
logo
STMicroelectronics
STL11N4LLF5 STMICROELECTRONICS-STL11N4LLF5 Datasheet
1Mb / 14P
N-channel 40 V, 9.1 m typ., 15 A STripFETV Power MOSFET in a PowerFLAT 3.3 x 3.3 package
19-Feb-2013
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
logo
ECS, Inc.
ECX-64 ECS-ECX-64_17 Datasheet
545Kb / 2P
The ECX-64 is a miniature SMD Crystal with a 6 x 3.5 mm 4 pad footprint
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com