Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78XXCK Datasheet (PDF) - SYC Electronica

78XXCK Datasheet PDF - SYC Electronica
Part # 78XXCK
Download  78XXCK Download
File Size   175.53 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Series Voltage Regulators

78XXCK Datasheet (PDF)

Go To PDF Page Download Datasheet
78XXCK Datasheet PDF - SYC Electronica

Part # 78XXCK
Download  78XXCK Click to download

File Size   175.53 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Series Voltage Regulators

78XXCK Datasheet (HTML) - SYC Electronica


78XXCK Product details

General Description
The LM78XX series of three terminal regulators is available
with several fixed output voltages making them useful in a
wide range of applications. One of these is local on card
regulation, eliminating the distribution problems associated
with single point regulation. The voltages available allow
these regulators to be used in logic systems, instrumentation,
HiFi, and other solid state electronic equipment. Although
designed primarily as fixed voltage regulators these
devices can be used with external components to obtain adjustable
voltages and currents.
The LM78XX series is available in an aluminum TO-3 package
which will allow over 1.0A load current if adequate heat
sinking is provided. Current limiting is included to limit the
peak output current to a safe value. Safe area protection for
the output transistor is provided to limit internal power dissipation.
If internal power dissipation becomes too high for the
heat sinking provided, the thermal shutdown circuit takes
over preventing the IC from overheating.
Considerable effort was expanded to make the LM78XX series
of regulators easy to use and minimize the number of
external components. It is not necessary to bypass the output, output,
although this does improve transient response. Input bypassing
is needed only if the regulator is located far from the
filter capacitor of the power supply.
For output voltage other than 5V, 12V and 15V the LM117
series provides an output voltage range from 1.2V to 57V.

Features
n Output current in excess of 1A
n Internal thermal overload protection
n No external components required
n Output transistor safe area protection
n Internal short circuit current limit
n Available in the aluminum TO-3 package




Similar Part No. - 78XXCK

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
78XX ESTEK-78XX Datasheet
302Kb / 9P
3-Terminal Regulators
logo
SYC Electronica
78XX SYC-78XX Datasheet
1Mb / 28P
3-Terminal 1A Positive Voltage Regulator
More results


Similar Description - 78XXCK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
Voltage Regulators
LM78XX NSC-LM78XX Datasheet
147Kb / 8P
Series Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
Voltage Regulators
logo
Texas Instruments
LM7805C TI-LM7805C_15 Datasheet
1Mb / 11P
LM78XX Series Voltage Regulators
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
logo
ARTSCHIP ELECTRONICS CO...
LM78XX ARTSCHIP-LM78XX Datasheet
1Mb / 8P
Series voltage regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com