Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP-PA4 Datasheet (PDF) - Belden Inc.

TAP-PA4 Datasheet PDF - Belden Inc.
Part # TAP-PA4
Download  TAP-PA4 Download
File Size   461.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Reducing Tee Connector: 1 3/8" male to 1 3/8" female and 7/8" female, 4-pin(3PE), black body, 600 V, 15 A

TAP-PA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAP-PA4 Datasheet PDF - Belden Inc.

Part # TAP-PA4
Download  TAP-PA4 Click to download

File Size   461.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Reducing Tee Connector: 1 3/8" male to 1 3/8" female and 7/8" female, 4-pin(3PE), black body, 600 V, 15 A

TAP-PA4 Datasheet (HTML) - Belden Inc.


TAP-PA4 Product details

Product Description
Mini Power Reducing Tee Connector: 1 3/8" male to 1 3/8" female and 7/8" female, 4-pin(3+PE), black body, 600 V, 15 A




Similar Part No. - TAP-PA4

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TAP-P3-R BELDEN-TAP-P3-R Datasheet
486Kb / 2P
Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2PE), red body, 600 V, 42 A
More results


Similar Description - TAP-PA4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
LR03KR107 ALPHAWIRE-LR03KR107 Datasheet
148Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR03KR113 ALPHAWIRE-LR03KR113 Datasheet
151Kb / 3P
Mini Male 7/8??to Mini Female
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
Mini Male 7/8??to Mini Female 7/8??90 Degree
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR04KR114 ALPHAWIRE-LR04KR114 Datasheet
151Kb / 3P
Mini Male 7/8??to Mini Female
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR05KR115 ALPHAWIRE-LR05KR115 Datasheet
152Kb / 3P
Mini Male 7/8??to Mini Female
LR05KW109 ALPHAWIRE-LR05KW109 Datasheet
155Kb / 3P
Mini Male 7/8??to Mini Female 7/8??90 Degree
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com