Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSH01 Datasheet (PDF) - Rakon Limited

DSH01 Datasheet PDF - Rakon Limited
Part # DSH01
Download  DSH01 Download
File Size   1251.43 Kbytes
Page   8 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description DIGITAL SYNTHESIZER MODULE | SYSTEM SOLUTIONS

DSH01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSH01 Datasheet PDF - Rakon Limited

Part # DSH01
Download  DSH01 Click to download

File Size   1251.43 Kbytes
Page   8 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description DIGITAL SYNTHESIZER MODULE | SYSTEM SOLUTIONS

DSH01 Datasheet (HTML) - Rakon Limited


DSH01 Product details

Features
 Frequency output bandwidth: › Dual channel: 0.1 - 500 MHz › Single channel: LO - 500 MHz to LO + 500 MHz (internal LO = 3.5 GHz)
 Phase Noise @ 320 MHz: › 100 Hz offset: -115 dBc/Hz typ. › Noise floor: -157 dBc/Hz typ.
 Chirp generation
 Frequency switch time: 10 ns max.
 Wideband SFDR for IQ output: 70 dBc typ. (non-harmonics)
 Frequency tuning resolution: 7.1 μHz typ.
 FSK, PSK, QAM modulations

Applications
 RADAR LO frequency generation
 Pulse compression RADAR RF pulse expander
 FMCW RADAR
 Electronic counter-countermeasures (ECCM)
 Frequency hopping
 Test & measurement

Technical Description
Functional Description
The DS H01 is composed of 4 main functional blocks :
• Interface: I/Os are protected and converted to different standards.
• Signal generator: High bandwidth signal generator with an integrated IQ modulator
• User application: User specific application linking the two others functional blocks
• Power supply and clock management: delivering clean power supplies and clocks to other functional blocks




Similar Part No. - DSH01

ManufacturerPart #DatasheetDescription
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Sanyo Semicon Device
DSH015 SANYO-DSH015 Datasheet
49Kb / 2P
High-Speed Switching Diode
More results


Similar Description - DSH01

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
128Kb / 2P
portable digital audio solutions
logo
LOGIC Devices Incorpora...
L2340 LODEV-L2340 Datasheet
268Kb / 11P
Digital Synthesizer
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
List of Unclassifed Man...
ACU7503 ETC2-ACU7503 Datasheet
448Kb / 28P
second generation highly-integrated digital music system solutions
logo
M/A-COM Technology Solu...
AN3003 MA-COM-AN3003 Datasheet
54Kb / 3P
Integrating SMT Synthesizer Solutions into Wireless Designs
logo
List of Unclassifed Man...
SIM5212 ETC1-SIM5212 Datasheet
2Mb / 12P
Wireless Module Solutions
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
LOGIC Devices Incorpora...
L2340G LODEV-L2340G Datasheet
218Kb / 11P
Digital Synthesizer
logo
Honeywell Accelerometer...
HMR3300-D00-232 HONEYWELL-ACC-HMR3300-D00-232 Datasheet
187Kb / 11P
Digital Compass Solutions
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
System power supply board for digital solutions
25-Sep-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com