Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKC120135 Datasheet (PDF) - Belden Inc.

RKC120135 Datasheet PDF - Belden Inc.
Part # RKC120135
Download  RKC120135 Download
File Size   484.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Field Attachable Connector: Female, straight, 12-pin, silver housing, 50 V AC / 60 V DC

RKC120135 Datasheet (PDF)

Go To PDF Page Download Datasheet
RKC120135 Datasheet PDF - Belden Inc.

Part # RKC120135
Download  RKC120135 Click to download

File Size   484.81 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Field Attachable Connector: Female, straight, 12-pin, silver housing, 50 V AC / 60 V DC

RKC120135 Datasheet (HTML) - Belden Inc.


RKC120135 Product details

Product Description
M23 Power Field Attachable Connector: Female, straight, 12-pin, silver housing, 50 V AC / 60 V DC




Similar Part No. - RKC120135

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC12AD KOA-RKC12AD Datasheet
151Kb / 4P
thick film SIP resistors
RKC12BD KOA-RKC12BD Datasheet
151Kb / 4P
thick film SIP resistors
RKC12CD KOA-RKC12CD Datasheet
151Kb / 4P
thick film SIP resistors
RKC12DD KOA-RKC12DD Datasheet
151Kb / 4P
thick film SIP resistors
RKC12ED KOA-RKC12ED Datasheet
151Kb / 4P
thick film SIP resistors
More results


Similar Description - RKC120135

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
M8 Female 3 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
M8 Female 4 Pin Field Attachable
logo
Pepperl+Fuchs Inc.
V1-G-ABG-PG9 PF-V1-G-ABG-PG9 Datasheet
583Kb / 2P
Female connector, field-attachable
2023-02-20
V1D-G-ABG-PG9 PF-V1D-G-ABG-PG9 Datasheet
583Kb / 2P
Female connector, field-attachable
2023-02-20
V1-W-ABG-PG9 PF-V1-W-ABG-PG9 Datasheet
574Kb / 2P
Female connector, field-attachable
2023-02-20
V15-G-ABG-PG9 PF-V15-G-ABG-PG9 Datasheet
584Kb / 2P
Female connector, field-attachable
2023-02-20
V15-G-Q3 PF-V15-G-Q3 Datasheet
1Mb / 2P
Female connector, field-attachable
2023-02-20
V15-W-ABG-PG9 PF-V15-W-ABG-PG9 Datasheet
434Kb / 2P
Female connector, field-attachable
2021-12-08
V15-W-PG9 PF-V15-W-PG9 Datasheet
556Kb / 2P
Female connector, field-attachable
2023-02-20
V15B-G-ABG-PG9 PF-V15B-G-ABG-PG9 Datasheet
583Kb / 2P
Female connector, field-attachable
2023-02-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com