Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000382 Datasheet (PDF) - Belden Inc.

511000382 Datasheet PDF - Belden Inc.
Part # 511000382
Download  511000382 Download
File Size   364.81 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3PE), silver housing, 600 V, 15 A, 14 AWG

511000382 Datasheet (PDF)

Go To PDF Page Download Datasheet
511000382 Datasheet PDF - Belden Inc.

Part # 511000382
Download  511000382 Click to download

File Size   364.81 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3PE), silver housing, 600 V, 15 A, 14 AWG

511000382 Datasheet (HTML) - Belden Inc.


511000382 Product details

Product Description
Mini Power Receptacle Connector: 7/8", female, front mount, 4-pin(3+PE), silver housing, 600 V, 15 A, 14 AWG




Similar Part No. - 511000382

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000349 BELDEN-511000349 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000350 BELDEN-511000350 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000351 BELDEN-511000351 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000352 BELDEN-511000352 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000353 BELDEN-511000353 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
More results


Similar Description - 511000382

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-00001 CONEC-41-00001 Datasheet
183Kb / 1P
Female connector 7/8", 2posPE
41-00003 CONEC-41-00003 Datasheet
187Kb / 1P
Female connector 7/8", 4posPE
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
logo
Neutrik AG
NC3FD-H NEUTRIK-NC3FD-H Datasheet
159Kb / 3P
3 pole female receptacle, horizontal PCB mount, Nickel housing, silver contacts
NC3FD-V NEUTRIK-NC3FD-V Datasheet
98Kb / 3P
3 pole female receptacle, vertical PCB mount, Nickel housing, silver contacts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com