Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXW333 Datasheet (PDF) - Rakon Limited

TMXW333 Datasheet PDF - Rakon Limited
Part # TMXW333
Download  TMXW333 Download
File Size   386.12 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Audio

TMXW333 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMXW333 Datasheet PDF - Rakon Limited

Part # TMXW333
Download  TMXW333 Click to download

File Size   386.12 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Audio

TMXW333 Datasheet (HTML) - Rakon Limited


TMXW333 Product details

Features
 864 MHz center frequency
 Ceramic package for Surface Mounted Technology
 Frequency Low Loss (typically 2.5dB) within PassBand Width 862.5 to 865.5 MHz
 Maximum RF power: 10 dBm
 No matching network required for operation at 50Ω

Applications
 Audio




Similar Part No. - TMXW333

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
TMXW330 RAKON-TMXW330 Datasheet
473Kb / 7P
SAW Bandpass Filters | Wireless Communications
23 December 2022
TMXW331 RAKON-TMXW331 Datasheet
473Kb / 7P
SAW Bandpass Filters | Wireless Communications
10 January 2023
logo
TEMEX
TMXW339 TEMEX-TMXW339 Datasheet
345Kb / 3P
SAW Passband Filter - REMOTE CONTROL - RF
TMXW33S TEMEX-TMXW33S Datasheet
347Kb / 4P
Low Loss SAW Bandpass Filter - WIRELESS AUDIO - RF
More results


Similar Description - TMXW333

ManufacturerPart #DatasheetDescription
logo
EPCOS
X6753M EPCOS-X6753M Datasheet
80Kb / 8P
SAW bandpass filter Bandpass filters for terrestrial TV applications
X6764D EPCOS-X6764D Datasheet
75Kb / 7P
SAW bandpass filter Bandpass filters for terrestrial TV applications
logo
Mini-Circuits
ZVBP-2400 MINI-ZVBP-2400 Datasheet
328Kb / 3P
Bandpass Filters
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
Bandpass Filters
ZVBP-5800-S MINI-ZVBP-5800-S Datasheet
514Kb / 3P
Bandpass Filters
WVBP-733-WR12 MINI-WVBP-733-WR12 Datasheet
395Kb / 2P
Bandpass Filters
WVBP-783-WR12 MINI-WVBP-783-WR12 Datasheet
395Kb / 2P
Bandpass Filters
ZVBP-11R7G-S MINI-ZVBP-11R7G-S Datasheet
1Mb / 8P
Bandpass Filters
ZVBP-9R6G-S MINI-ZVBP-9R6G-S Datasheet
1Mb / 8P
Bandpass Filters
WVBP-583-WR15 MINI-WVBP-583-WR15 Datasheet
375Kb / 2P
Bandpass Filters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com