Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000102 Datasheet (PDF) - Belden Inc.

511000102 Datasheet PDF - Belden Inc.
Part # 511000102
Download  511000102 Download
File Size   381.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Single-Ended Cordset: 1 3/8", male, straight, 4-pin(3PE), black body, 600 V, 40 A; TPE black cable, 10 AWG

511000102 Datasheet (PDF)

Go To PDF Page Download Datasheet
511000102 Datasheet PDF - Belden Inc.

Part # 511000102
Download  511000102 Click to download

File Size   381.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Single-Ended Cordset: 1 3/8", male, straight, 4-pin(3PE), black body, 600 V, 40 A; TPE black cable, 10 AWG

511000102 Datasheet (HTML) - Belden Inc.


511000102 Product details

Product Description
Mini Power Single-Ended Cordset: 1 3/8", male, straight, 4-pin(3+PE), black body, 600 V, 40 A; TPE black cable, 10 AWG




Similar Part No. - 511000102

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000002 BELDEN-511000002 Datasheet
461Kb / 2P
Mini Power Reducing Tee Connector: 1 3/8" male to 1 3/8" female and 7/8" female, 4-pin(3PE), black body, 600 V, 15 A
511000257 BELDEN-511000257 Datasheet
462Kb / 3P
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000258 BELDEN-511000258 Datasheet
462Kb / 3P
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000259 BELDEN-511000259 Datasheet
462Kb / 3P
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000260 BELDEN-511000260 Datasheet
462Kb / 3P
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
More results


Similar Description - 511000102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060703 MOLEX-1300060703 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 6.0m (19.68) Length
03/07/2023
1300062455 MOLEX-1300062455 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
03/27/2023
1300062456 MOLEX-1300062456 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 2.0m (6.56) Length
03/27/2023
1300062457 MOLEX-1300062457 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 3.0m (9.84) Length
04/03/2023
1300062458 MOLEX-1300062458 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/27/2023
1300062459 MOLEX-1300062459 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/27/2023
1300062461 MOLEX-1300062461 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 8.0m (26.25) Length
03/21/2023
1300062462 MOLEX-1300062462 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/28/2023
1300062463 MOLEX-1300062463 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 12.0m (39.37) Length
03/21/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com