Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

932048306 Datasheet (PDF) - Belden Inc.

932048306 Datasheet PDF - Belden Inc.
Part # 932048306
Download  932048306 Download
File Size   479.52 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Rectangular Receptacle Power Connector (ST Series): Male, front mount with flange with coding slot, 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC

932048306 Datasheet (PDF)

Go To PDF Page Download Datasheet
932048306 Datasheet PDF - Belden Inc.

Part # 932048306
Download  932048306 Click to download

File Size   479.52 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Rectangular Receptacle Power Connector (ST Series): Male, front mount with flange with coding slot, 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC

932048306 Datasheet (HTML) - Belden Inc.


932048306 Product details

Product Description
Rectangular Receptacle Power Connector (ST Series): Male, front mount with flange with coding slot, 2-pin+PE, grey housing, 230 V AC/DC, 16 A AC/6 A DC




Similar Part No. - 932048306

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
932046106 BELDEN-932046106 Datasheet
439Kb / 2P
Rectangular Receptacle Power Connector (ST Series): Male, panel mount with coding slot, 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
932046206 BELDEN-932046206 Datasheet
440Kb / 2P
Rectangular Receptacle Power Connector (ST Series): Male, panel mount with coding slot, 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
More results


Similar Description - 932048306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
750-517 ETC2-750-517 Datasheet
110Kb / 1P
2-Channel Relay Output Module AC 230 V, DC 300 V
LC1D32P7 ETC2-LC1D32P7 Datasheet
78Kb / 5P
32 A - 230 V AC coil
logo
ZIEHL industrie-elektro...
STWA1LH ZIEHL-STWA1LH Datasheet
451Kb / 2P
AC-Electronic Current Transformer STWA1LH with output AC 230 V / 0,35 A
logo
Schneider Electric
RPM23P7 SCHNEIDER-RPM23P7 Datasheet
201Kb / 6P
Harmony, Power plug-in relay, 15 A, 2 CO, with LED, 230 V AC
Aug 5, 2021
RSL1PRPU SCHNEIDER-RSL1PRPU Datasheet
111Kb / 4P
Harmony, Slim interface relay pre-assembled, 6 A, 1 CO, with LED, with protection circuit, spring terminals, 230 V AC/DC
Aug 9, 2021
RSL1PVPU SCHNEIDER-RSL1PVPU Datasheet
107Kb / 4P
Harmony, Slim interface relay pre-assembled, 6 A, 1 CO, with LED, with protection circuit, screw connectors, 230 V AC/DC
Aug 9, 2021
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
logo
Schneider Electric
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
logo
ETA-USA
EFY350SX ETA-USA-EFY350SX Datasheet
573Kb / 3P
AC/DC SWITCHING POWER SUPPLY (AC FRONT END)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com