Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN4201Z Datasheet (PDF) - AUK corp

THN4201Z Datasheet PDF - AUK corp
Part # THN4201Z
Download  THN4201Z Download
File Size   239.98 Kbytes
Page   12 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN4201Z Datasheet (PDF)

Go To PDF Page Download Datasheet
THN4201Z Datasheet PDF - AUK corp

Part # THN4201Z
Download  THN4201Z Click to download

File Size   239.98 Kbytes
Page   12 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description SiGe NPN Transistor

THN4201Z Datasheet (HTML) - AUK corp


THN4201Z Product details

□ Features
o Low Noise Figure
   NF = 1.5 dB at f = 2 GHz, VCE = 3 V, IC = 5 mA
   NF = 1.7 dB at f = 2 GHz, VCE = 1 V, IC = 3 mA
o High Gain
   MAG = 13.5 dB at f = 2 GHz, VCE = 3 V, IC = 20 mA
   MAG = 13 dB at f = 2 GHz, VCE = 1 V, IC = 3 mA
o High Transition Frequency
   fT = 16.5 GHz at VCE = 3 V, IC = 20 mA

□ Application
   LNA and wide band amplifier up to GHz range




Similar Part No. - THN4201Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN4201Z TACHYONICS-THN4201Z Datasheet
227Kb / 12P
NPN SiGe RF TRANSISTOR
More results


Similar Description - THN4201Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
SiGe NPN Transistor
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
SiGe NPN Transistor
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com