Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-029 Datasheet (PDF) - AG Electronica

TS-029 Datasheet PDF - AG Electronica
Part # TS-029
Download  TS-029 Download
File Size   289.06 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PUSH BUTTON SMD BOTÓN ALTO 12V/0.5A

TS-029 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS-029 Datasheet PDF - AG Electronica

Part # TS-029
Download  TS-029 Click to download

File Size   289.06 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PUSH BUTTON SMD BOTÓN ALTO 12V/0.5A

TS-029 Datasheet (HTML) - AG Electronica


TS-029 Product details

Descripción
Mini interruptor pulsador de cuatro terminales con botón alto, configuración SPST (Single Pole Single Throw), donde polo se refiere al número de circuitos controlados por el interruptor y Throw se refiere a la posición externa del interruptor. Permite el flujo de corriente solamente mientras es presionado, por lo que permite desviar o interrumpir el curso de una corriente eléctrica. Ideal para utilizarse en protoboards.
El switch se solda superficialmente sobre placas de circuito impreso (PCB) por medio de cautín y soldadura.

Aplicaciones
 El interruptor botón se puede utilizar para la creación de circuitos electrónicos que requieran un interruptor para controlar el flujo de corriente y alimentar diferentes partes del circuito o elegir diferentes configuraciones de forma manual.




Similar Part No. - TS-029

ManufacturerPart #DatasheetDescription
logo
AG Electronica
TS-021 AGELECTRONICA-TS-021 Datasheet
318Kb / 2P
PUSH MINI SMD 2.5MM 2 PINES
05/04/2019
TS-022 AGELECTRONICA-TS-022 Datasheet
277Kb / 2P
INTERRUPTOR TÁCTIL SMD 12V/0.5A
06/05/2019
logo
Adam Technologies, Inc.
TS-027 ADAM-TECH-TS-027 Datasheet
58Kb / 1P
THUMB SCREW
TS-028 ADAM-TECH-TS-028 Datasheet
57Kb / 1P
THUMB SCREW
logo
AG Electronica
TS-028 AGELECTRONICA-TS-028 Datasheet
485Kb / 2P
PUSH MINI SMD 1.5MM 4 PINES
05/04/2019
More results


Similar Description - TS-029

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com