Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A705 Datasheet (PDF) - ADDtek Corp

A705 Datasheet PDF - ADDtek Corp
Part # A705
Download  A705 Download
File Size   164.88 Kbytes
Page   7 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 200mA ~ 300mA ADVANCED CURRENT REGULATOR

A705 Datasheet (PDF)

Go To PDF Page Download Datasheet
A705 Datasheet PDF - ADDtek Corp

Part # A705
Download  A705 Click to download

File Size   164.88 Kbytes
Page   7 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 200mA ~ 300mA ADVANCED CURRENT REGULATOR

A705 Datasheet (HTML) - ADDtek Corp


A705 Product details

DESCRIPTION
The A705 is a low dropout current regulator rated for 210mA, 230mA, 250mA, 270mA, and 290mA constant sink current. The low quiescent current and low dropout voltage are achieved by advanced Bi-CMOS process.

FEATURES
■ Only bypass capacitor is required.
■ 210/230/250/270/290mA constant sink current.
■ Output short / open circuit protection.
■ Low dropout voltage.
■ Low quiescent current.
■ Supply voltage range 2.7V ~ 12V.
■ 2KV HBM ESD protection.
■ Advanced Bi-CMOS process.
■ SOT-89 and TO-252 package available.

APPLICATIONS
■ Power LED Driver
■ LED Cap-Lamp




Similar Part No. - A705

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A705430012 MOLEX8-A705430012 Datasheet
429Kb / 4P
2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 13 Circuits, 0.38um
A705430056 MOLEX8-A705430056 Datasheet
429Kb / 4P
2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 22 Circuits, Tin (Sn) Plating
A705530014 MOLEX8-A705530014 Datasheet
359Kb / 5P
2.54mm (.100") Pitch SL??Header
A705530024 MOLEX8-A705530024 Datasheet
359Kb / 5P
2.54mm (.100") Pitch SL Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 25 Circuits
A705530039 MOLEX8-A705530039 Datasheet
359Kb / 5P
2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 5 Circuits, Tin (Sn) Plating
More results


Similar Description - A705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
ADDtek Corp
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
10V Input, 200mA Low Consumption Current Regulator
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com