Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7140 Datasheet (PDF) - ADDtek Corp

AMC7140 Datasheet PDF - ADDtek Corp
Part # AMC7140
Download  AMC7140 Download
File Size   199.57 Kbytes
Page   9 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL

AMC7140 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7140 Datasheet PDF - ADDtek Corp

Part # AMC7140
Download  AMC7140 Click to download

File Size   199.57 Kbytes
Page   9 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL

AMC7140 Datasheet (HTML) - ADDtek Corp


AMC7140 Product details

DESCRIPTION
The AMC7140 is a high voltage, low drop-out current regulator for maximum output current up to 700mA. The output current was decided by external resistor. The output sink current could be disabled via OE pin
Build-in thermal protection to prevent the chip over heat damage.

FEATURES
■ 0.5V Output Drop-out Voltage at 700mA.
■ 700mA Maximum Output Current.
■ Output Current Controlled by External Resistor.
■ 3us Fast Response Output Stage Enable Control.
■ Output Driving Voltage Up To 75V.
■ Supply Voltage Range 5V~50V
■ TO-252-5L package

APPLICATIONS
■ High Power LED Driver
■ RGB Full Color Power LED driver
■ LCD Monitor/TV LED backlight Driver
■ LED Table Lamp




Similar Part No. - AMC7140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
AMC7110ADBF ADDTEK-AMC7110ADBF Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
List of Unclassifed Man...
AMC7110DB ETC1-AMC7110DB Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110DBF ADDTEK-AMC7110DBF Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
More results


Similar Description - AMC7140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
50mA CMOS Voltage Regulator with Enable Control
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
logo
SHANGHAI BELLING CO., L...
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com