Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPW4157 Datasheet (PDF) - 3PEAK INC.

TPW4157 Datasheet PDF - 3PEAK INC.
Part # TPW4157
Download  TPW4157 Download
File Size   1003.32 Kbytes
Page   15 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12V General Purpose Analog Switch

TPW4157 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPW4157 Datasheet PDF - 3PEAK INC.

Part # TPW4157
Download  TPW4157 Click to download

File Size   1003.32 Kbytes
Page   15 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12V General Purpose Analog Switch

TPW4157 Datasheet (HTML) - 3PEAK INC.


TPW4157 Product details

Features
⚫ Analog Switch Voltage: 3.3V, 5V, 10V, ±5V
⚫ Low ON-State Resistance:
typical 50Ω at Vs = ±4.5V or 9V
typical 60Ω at Vs = 4.5V
typical 300Ω at Vs = 3V
⚫ Bandwidth: 200 MHz
⚫ Fast switching times: tON = 60ns, tOFF = 50ns
⚫ Break-Before-Make Switching
⚫ Operation Temperature Range: –40°C to 125°C
Applications
⚫ Industry control systems
⚫ Battery-powered systems
⚫ Audio Signal Routing
⚫ Instrumentation
Description
The TPW4052 is dual SP4T analog switch suitable for use in
analog or digital multiplexer/demultiplexer applications. The
switch features three digital select inputs (S0, S1), eight
independent inputs/outputs (An, Bn), two common input/output
(A, B) and a digital enable input (/E). When /E is HIGH, the
switches are turned off.
The device is designed on an enhanced process that provides
lower power dissipation yet gives high switching speeds. These
devices can operate equally well as either multiplexers or demultiplexers and have an input range that extends to the
supplies. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching
channels




Similar Part No. - TPW4157

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPW4066 3PEAK-TPW4066 Datasheet
1Mb / 20P
12-V, Quad SPST Analog Switch
TPW4066-SR 3PEAK-TPW4066-SR Datasheet
1Mb / 20P
12-V, Quad SPST Analog Switch
TPW4066-TR 3PEAK-TPW4066-TR Datasheet
1Mb / 20P
12-V, Quad SPST Analog Switch
logo
Filtran LTD
TPW4670 FILTRAN-TPW4670 Datasheet
33Kb / 1P
ISDN U-BUS Input/Output Transformer
TPW4670-1 FILTRAN-TPW4670-1 Datasheet
33Kb / 1P
ISDN U-BUS Input/Output Transformer
More results


Similar Description - TPW4157

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
General purpose amplification(-12V, -2A)
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2652 ROHM-2SD2652 Datasheet
75Kb / 3P
General purpose amplification (12V, 1.5A)
logo
Vishay Siliconix
DG5043 VISHAY-DG5043 Datasheet
38Kb / 3P
Monolithic General-Purpose CMOS Analog Switch
28-Apr-97
logo
List of Unclassifed Man...
DG243 ETC1-DG243 Datasheet
520Kb / 5P
Monolithic General Purpose CMOS Analog Switch
logo
Rohm
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
General purpose amplification (-12V, -1.5A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
General purpose amplification (-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
General purpose amplification(-12V, -2A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
General purpose amplification (12V, 1.5A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com