Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

934980558 Datasheet (PDF) - Belden Inc.

934980558 Datasheet PDF - Belden Inc.
Part # 934980558
Download  934980558 Download
File Size   226.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Receptacle Connector: Female, front mount (positionable), 5-pin(4FE), L-coded, shielded, silver housing, 50 V AC / 60 V DC, 16 A

934980558 Datasheet (PDF)

Go To PDF Page Download Datasheet
934980558 Datasheet PDF - Belden Inc.

Part # 934980558
Download  934980558 Click to download

File Size   226.47 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Receptacle Connector: Female, front mount (positionable), 5-pin(4FE), L-coded, shielded, silver housing, 50 V AC / 60 V DC, 16 A

934980558 Datasheet (HTML) - Belden Inc.


934980558 Product details

Product Description
M12 Power Receptacle Connector: Female, front mount (positionable), 5-pin(4+FE), L-coded, shielded, silver housing, 50 V AC / 60 V DC, 16 A




Similar Part No. - 934980558

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934980551 BELDEN-934980551 Datasheet
228Kb / 2P
M12 Power Receptacle Connector: Female, front mount (positionable), 5-pin(4PE), K-coded, shielded, silver housing, 600 V AC/DC, 16 A
934980555 BELDEN-934980555 Datasheet
228Kb / 2P
M12 Power Receptacle Connector: Female, front mount (positionable), 5-pin(4PE), K-coded, shielded, silver housing, 600 V AC/DC, 16 A
More results


Similar Description - 934980558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
logo
Alpha Wire
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
M12-A Female 4 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
logo
Schneider Electric
XZCC12FDB50R SCHNEIDER-XZCC12FDB50R Datasheet
113Kb / 3P
female, M12, 5-pin, shielded straight connector
Dec 7, 2020
SSP1A450BD SCHNEIDER-SSP1A450BD Datasheet
118Kb / 5P
Harmony, Solid state relay, 50 A, DIN rail mount, zero voltage switching, input 4??2 V DC, output 48??60 V AC
Aug 18, 2021
logo
TE Connectivity Ltd
T417132000800X TEC-T417132000800X Datasheet
284Kb / 1P
M12 PANEL MOUNT CONNECTOR A CODE, FEMALE,FRONT MOUNT WITH WIRE
REV B
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com