Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1816182 Datasheet (PDF) - PHOENIX CONTACT

1816182 Datasheet PDF - PHOENIX CONTACT
Part # 1816182
Download  1816182 Download
File Size   641.76 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/10-G1-3,5 P20THR R56 - PCB header

1816182 Datasheet (PDF)

Go To PDF Page Download Datasheet
1816182 Datasheet PDF - PHOENIX CONTACT

Part # 1816182
Download  1816182 Click to download

File Size   641.76 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/10-G1-3,5 P20THR R56 - PCB header

1816182 Datasheet (HTML) - PHOENIX CONTACT


1816182 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 20, number
of rows: 2, number of positions: 10, number of connections: 20, product range: DMC 1,5/..-G1-
THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: 56
mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium




Similar Part No. - 1816182

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1816124-1 MACOM-1816124-1 Datasheet
530Kb / 7P
Accessories Miniature Relay PT
logo
TE Connectivity Ltd
1816124-1 TEC-1816124-1 Datasheet
1Mb / 7P
Accessories Miniature Relay PT
09-2014, Rev. 0914
1816124-1 TEC-1816124-1 Datasheet
1Mb / 7P
Accessories Miniature Relay PT
02-2017, Rev. 0217
logo
PHOENIX CONTACT
1816140 PHOENIX-1816140 Datasheet
134Kb / 5P
Printed-circuit board connector - DMC 1,5/ 3-G1-3,5 P20THRR24-2
1816143 PHOENIX-1816143 Datasheet
195Kb / 5P
PLD E 708-CA-3,0/FS AM - Connecting cable
More results


Similar Description - 1816182

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786837 PHOENIX-1786837 Datasheet
552Kb / 11P
PCB header - DMC 1,5/ 2-G1-3,5 P20THR
1535159 PHOENIX-1535159 Datasheet
324Kb / 9P
DMC 1,5/20-G1-3,5-LR P20THR - PCB header
1535162 PHOENIX-1535162 Datasheet
324Kb / 9P
DMC 1,5/17-G1-3,5-LR P20THR - PCB header
1535169 PHOENIX-1535169 Datasheet
324Kb / 9P
DMC 1,5/11-G1-3,5-LR P20THR - PCB header
1535177 PHOENIX-1535177 Datasheet
324Kb / 9P
DMC 1,5/ 6-G1-3,5-LR P20THR - PCB header
1535179 PHOENIX-1535179 Datasheet
324Kb / 9P
DMC 1,5/ 4-G1-3,5-LR P20THR - PCB header
1535161 PHOENIX-1535161 Datasheet
324Kb / 9P
DMC 1,5/18-G1-3,5-LR P20THR - PCB header
1535171 PHOENIX-1535171 Datasheet
319Kb / 9P
DMC 1,5/10-G1-3,5-LR P20THR - PCB header
1535163 PHOENIX-1535163 Datasheet
319Kb / 9P
DMC 1,5/16-G1-3,5-LR P20THR - PCB header
1535173 PHOENIX-1535173 Datasheet
319Kb / 9P
DMC 1,5/ 9-G1-3,5-LR P20THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com