Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273970 Datasheet (PDF) - PHOENIX CONTACT

3273970 Datasheet PDF - PHOENIX CONTACT
Part # 3273970
Download  3273970 Download
File Size   249.49 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 18X4-G RD - Distribution block

3273970 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273970 Datasheet PDF - PHOENIX CONTACT

Part # 3273970
Download  3273970 Click to download

File Size   249.49 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 18X4-G RD - Distribution block

3273970 Datasheet (HTML) - PHOENIX CONTACT


3273970 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 32 A, number of
connections: 18, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: adhesive, color: red

Your advantages
• Clear arrangement thanks to marking of all terminal points
• Convenient test options, thanks to test openings at every terminal point
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Space-saving potential distribution, thanks to compact micro potential distributors




Similar Part No. - 3273970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273972 PHOENIX-3273972 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-G YE
3273974 PHOENIX-3273974 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G GN
Jun 27, 2022
3273976 PHOENIX-3273976 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G BN
Jun 27, 2022
3273978 PHOENIX-3273978 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G WH
Jun 27, 2022
More results


Similar Description - 3273970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273838 PHOENIX-3273838 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4 RD
3273972 PHOENIX-3273972 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-G YE
3273980 PHOENIX-3273980 Datasheet
68Kb / 4P
Distribution block - PTFIX 18X4-G BK
3273640 PHOENIX-3273640 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 RD
Jun 3, 2022
3273706 PHOENIX-3273706 Datasheet
487Kb / 20P
Distribution block - PTFIX 18X4-NS35A RD
Jun 10, 2022
3273974 PHOENIX-3273974 Datasheet
481Kb / 19P
Distribution block - PTFIX 18X4-G GN
Jun 27, 2022
3273772 PHOENIX-3273772 Datasheet
484Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A RD
Jun 13, 2022
3273574 PHOENIX-3273574 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 RD
Jun 23, 2022
3273904 PHOENIX-3273904 Datasheet
551Kb / 22P
Distribution block - PTFIX 10/18X4 RD
Jun 22, 2022
3274036 PHOENIX-3274036 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/18X4-G RD
Jun 24, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com