| Electronic Components Datasheet Search |
|
STAS4NGREY Datasheet (PDF) - Belden Inc. |
STAS4NGREY Datasheet (PDF) |
|
Download Datasheet |
| Part # | STAS4NGREY |
| Download | STAS4NGREY Click to download |
| File Size | 316.4 Kbytes |
| Page | 2 Pages |
| Manufacturer | BELDEN [Belden Inc.] |
| Direct Link | https://www.belden.com/ |
| Logo | |
| Description | Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 4-pinPE, grey housing, 400 V AC/230 V DC, 10 A |
STAS4NGREY Datasheet (HTML) - Belden Inc. |
STAS4NGREY Product details |
|
Similar Part No. - STAS4NGREY |
|
Similar Description - STAS4NGREY |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |