Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1924062 Datasheet (PDF) - PHOENIX CONTACT

1924062 Datasheet PDF - PHOENIX CONTACT
Part # 1924062
Download  1924062 Download
File Size   397.03 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5 HC/11-GF - PCB header

1924062 Datasheet (PDF)

Go To PDF Page Download Datasheet
1924062 Datasheet PDF - PHOENIX CONTACT

Part # 1924062
Download  1924062 Click to download

File Size   397.03 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5 HC/11-GF - PCB header

1924062 Datasheet (HTML) - PHOENIX CONTACT


1924062 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of
potentials: 11, number of rows: 1, number of positions: 11, number of connections: 11, product
range: MSTB 2,5 HC/..-GF, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.23 mm, number of solder pins per potential: 1, plug-in system: COMBICON
MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: Screw locking mechanism,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1924062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19240 ETC2-19240 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
logo
Festo Corporation.
19240 FESTO-19240 Datasheet
42Kb / 2P
ISO cylinder
logo
DESCO INDUSTRIES INC
19240 DESCO-19240 Datasheet
399Kb / 3P
Calibration Unit for Testers Installation, Operation and Maintenance
February 2019
logo
Festo Corporation.
192400 FESTO-192400 Datasheet
86Kb / 1P
Filter regulator
logo
PHOENIX CONTACT
1924004 PHOENIX-1924004 Datasheet
145Kb / 9P
Printed-circuit board connector - MSTB 2,5 HC/ 5-GF
09/12/2020
More results


Similar Description - 1924062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1776595 PHOENIX-1776595 Datasheet
289Kb / 14P
Feed-through header - MSTB 2,5/11-GF-5,08
1776838 PHOENIX-1776838 Datasheet
486Kb / 10P
PCB header - MSTB 2,5/16-GF
02/04/2022
1924088 PHOENIX-1924088 Datasheet
146Kb / 9P
Header - MSTB 2,5 HC/ 2-GF-5,08
09/12/2020
1924172 PHOENIX-1924172 Datasheet
146Kb / 9P
PCB connector - MSTB 2,5 HC/11-GF-5,08
09/12/2020
1923995 PHOENIX-1923995 Datasheet
502Kb / 14P
PCB header - MSTB 2,5 HC/ 4-GF
Jan 3, 2023
1924127 PHOENIX-1924127 Datasheet
506Kb / 14P
PCB header - MSTB 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1924130 PHOENIX-1924130 Datasheet
464Kb / 13P
PCB header - MSTB 2,5 HC/ 7-GF-5,08
Jan 3, 2023
1776799 PHOENIX-1776799 Datasheet
1Mb / 18P
PCB header - MSTB 2,5/12-GF
1924114 PHOENIX-1924114 Datasheet
510Kb / 14P
PCB header - MSTB 2,5 HC/ 5-GF-5,08
1924075 PHOENIX-1924075 Datasheet
482Kb / 13P
MSTB 2,5 HC/12-GF - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com