Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT245BL Datasheet (PDF) - SYC Electronica

FT245BL Datasheet PDF - SYC Electronica
Part # FT245BL
Download  FT245BL Download
File Size   544.33 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description FT245BL USB FIFO ( USB - Parallel ) I.C.

FT245BL Datasheet (PDF)

Go To PDF Page Download Datasheet
FT245BL Datasheet PDF - SYC Electronica

Part # FT245BL
Download  FT245BL Click to download

File Size   544.33 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description FT245BL USB FIFO ( USB - Parallel ) I.C.

FT245BL Datasheet (HTML) - SYC Electronica


FT245BL Product details

HARDWARE FEATURES
Single Chip USB  Parallel FIFO bi-directional Data Transfer
Transfer Data rate to 1M Byte / Sec - D2XX Drivers
Transfer Data rate to 300 Kilobyte / Sec - VCP Drivers
Simple to interface to MCU / PLD/ FPGA logic with a 4 wire handshake interface
Entire USB protocol handled on-chip… no USB-specific firmware programming required
FTDI’s royalty-free VCP and D2XX drivers eliminate the requirement for USB driver development in most cases.
384 Byte FIFO Tx buffer / 128 Byte FIFO Rx Buffer for high data throughput.
New Send Immediate support via SI Pin for optimised data throughput.
Support for USB Suspend / Resume through PWREN# and WAKEUP pins.
Support for high power USB Bus powered devices through PWREN# pin
Adjustable RX buffer timeout
In-built support for event characters
Integrated level converter on FIFO and control signals for interfacing to 5V and 3.3V logic
Integrated 3.3V regulator for USB IO
Integrated Power-On-Reset circuit
Integrated 6MHz – 48Mhz clock multiplier PLL
USB Bulk or Isochronous data transfer modes
New Bit-Bang Mode allows the data bus to be used as an 8 bit general purpose IO Port without the need for MCU or other support logic.
4.35V to 5.25V single supply operation
UHCI / OHCI / EHCI host controller compatible
USB 1.1 and USB 2.0 compatible
USB VID, PID , Serial Number and Product Description strings in external EEPROM
EEPROM programmable on-board via USB
Compact Lead free RoHS compliant 32-LD LQFP package




Similar Part No. - FT245BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
More results


Similar Description - FT245BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
Dual USB UART / FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
Dual USB UART / FIFO I.C.
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT245R FTDI-FT245R Datasheet
728Kb / 25P
USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
Dual USB UART/FIFO I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
Dual USB UART / FIFO I.C.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com