Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

934850080 Datasheet (PDF) - Belden Inc.

934850080 Datasheet PDF - Belden Inc.
Part # 934850080
Download  934850080 Download
File Size   517.35 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Male, straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²

934850080 Datasheet (PDF)

Go To PDF Page Download Datasheet
934850080 Datasheet PDF - Belden Inc.

Part # 934850080
Download  934850080 Click to download

File Size   517.35 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Male, straight, 5-pin(4FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²

934850080 Datasheet (HTML) - Belden Inc.


934850080 Product details

Product Description
M12 Power Single-Ended Cordset: Male, straight, 5-pin(4+FE), L-coded, blue body, 50 V AC/60 V DC, 16 A; PUR grey cable, 2.50 mm²




Similar Part No. - 934850080

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934850005 BELDEN-934850005 Datasheet
602Kb / 3P
M12 Power Single-Ended Cordset: Female, angled, 4-pin(3PE), S-coded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
934850006 BELDEN-934850006 Datasheet
602Kb / 3P
M12 Power Single-Ended Cordset: Female, angled, 4-pin(3PE), S-coded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
934850007 BELDEN-934850007 Datasheet
602Kb / 3P
M12 Power Single-Ended Cordset: Female, angled, 4-pin(3PE), S-coded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
934850008 BELDEN-934850008 Datasheet
602Kb / 3P
M12 Power Single-Ended Cordset: Female, angled, 4-pin(3PE), S-coded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
934850017 BELDEN-934850017 Datasheet
573Kb / 3P
M12 Power Single-Ended Cordset: Female, angled, 5-pin(4PE), K-coded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
More results


Similar Description - 934850080

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1511041C1 SCHNEIDER-XZCR1511041C1 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1511064D1 SCHNEIDER-XZCR1511064D1 Datasheet
103Kb / 4P
jumper cable XZ - male straight M12 5-pin - female straight M12 5-pin - PUR 1m
Dec 7, 2020
XZCR1511064D2 SCHNEIDER-XZCR1511064D2 Datasheet
103Kb / 4P
jumper cable XZ - male straight M12 5-pin - female straight M12 5-pin - PUR 2m
Dec 7, 2020
XZCR1512064D1 SCHNEIDER-XZCR1512064D1 Datasheet
115Kb / 4P
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 1m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com