Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000882 Datasheet (PDF) - Belden Inc.

511000882 Datasheet PDF - Belden Inc.
Part # 511000882
Download  511000882 Download
File Size   486.3 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2PE), red body, 600 V, 42 A

511000882 Datasheet (PDF)

Go To PDF Page Download Datasheet
511000882 Datasheet PDF - Belden Inc.

Part # 511000882
Download  511000882 Click to download

File Size   486.3 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2PE), red body, 600 V, 42 A

511000882 Datasheet (HTML) - Belden Inc.


511000882 Product details

Product Description
Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2+PE), red body, 600 V, 42 A




Similar Part No. - 511000882

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000853 BELDEN-511000853 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000854 BELDEN-511000854 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000855 BELDEN-511000855 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000856 BELDEN-511000856 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000857 BELDEN-511000857 Datasheet
375Kb / 3P
Mini Power Double-Ended Cordset: 1 3/8" male straight to 7/8" female angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
More results


Similar Description - 511000882

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
logo
Molex Electronics Ltd.
1300970184 MOLEX-1300970184 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1
2016/05/04
1300970185 MOLEX-1300970185 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970186 MOLEX-1300970186 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970187 MOLEX-1300970187 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970191 MOLEX-1300970191 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970192 MOLEX-1300970192 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970193 MOLEX-1300970193 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970194 MOLEX-1300970194 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970195 MOLEX-1300970195 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com