Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1255 Datasheet (PDF) - Semtech Corporation

SX1255 Datasheet PDF - Semtech Corporation
Part # SX1255
Download  SX1255 Download
File Size   604.67 Kbytes
Page   31 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LoRa Gateway Baseband Processor

SX1255 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1255 Datasheet PDF - Semtech Corporation

Part # SX1255
Download  SX1255 Click to download

File Size   604.67 Kbytes
Page   31 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description LoRa Gateway Baseband Processor

SX1255 Datasheet (HTML) - Semtech Corporation


SX1255 Product details

Key Features
• Fine timestamp
• LoRaWAN, Class A/B/C, all regions
• Multi-SF 125 kHz LoRa® reception with Fine Timestamp
• High-speed 250 / 500 kHz LoRa demodulator
• (G)FSK demodulator
• Direct interface to Semtech transceivers
• SX1255, SX1257 and SX1250
• Single 32 MHz clock




Similar Part No. - SX1255

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1255 SEMTECH-SX1255 Datasheet
1Mb / 43P
Low Power Digital I and Q RF Multi-PHY Mode Transceiver
SX1255IWLTRT SEMTECH-SX1255IWLTRT Datasheet
1Mb / 43P
Low Power Digital I and Q RF Multi-PHY Mode Transceiver
SX1255WS SEMTECH-SX1255WS Datasheet
1Mb / 43P
Low Power Digital I and Q RF Multi-PHY Mode Transceiver
More results


Similar Description - SX1255

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
Baseband Sound Processor
logo
ATMEL Corporation
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
logo
CML Microcircuits
FX829 CMLMICRO-FX829 Datasheet
521Kb / 34P
Baseband Signal Processor
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
TETRA Baseband Processor
logo
Advantech Co., Ltd.
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
Wireless IoT LoRa Network Gateway
logo
Semtech Corporation
SX1302 SEMTECH-SX1302 Datasheet
561Kb / 31P
LoRa Gateway Baseband Transceiver
logo
SparkFun Electronics
WRL-15006 SPARKFUN-WRL-15006 Datasheet
205Kb / 2P
SparkFun LoRa Gateway - 1-Channel (ESP32)
11??0??8
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com