Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1713380 Datasheet (PDF) - PHOENIX CONTACT

1713380 Datasheet PDF - PHOENIX CONTACT
Part # 1713380
Download  1713380 Download
File Size   723.06 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-G-3,5 P20 THR - PCB header

1713380 Datasheet (PDF)

Go To PDF Page Download Datasheet
1713380 Datasheet PDF - PHOENIX CONTACT

Part # 1713380
Download  1713380 Click to download

File Size   723.06 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-G-3,5 P20 THR - PCB header

1713380 Datasheet (HTML) - PHOENIX CONTACT


1713380 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 13, number
of rows: 1, number of positions: 13, number of connections: 13, product range: MCV 1,5/..-GTHR,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1713380

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1713381 PHOENIX-1713381 Datasheet
723Kb / 11P
MCV 1,5/14-G-3,5 P20 THR - PCB header
1713382 PHOENIX-1713382 Datasheet
723Kb / 11P
MCV 1,5/15-G-3,5 P20 THR - PCB header
1713384 PHOENIX-1713384 Datasheet
722Kb / 11P
MCV 1,5/16-G-3,5 P20 THR - PCB header
1713386 PHOENIX-1713386 Datasheet
722Kb / 11P
MCV 1,5/18-G-3,5 P20 THR - PCB header
1713387 PHOENIX-1713387 Datasheet
722Kb / 11P
MCV 1,5/19-G-3,5 P20 THR - PCB header
More results


Similar Description - 1713380

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779365 PHOENIX-1779365 Datasheet
337Kb / 13P
MCV 1,5/ 2-G-3,5 P26 THR
1843716 PHOENIX-1843716 Datasheet
142Kb / 4P
MCV 1,5/13-G-3,5
1843651 PHOENIX-1843651 Datasheet
793Kb / 17P
PCB header - MCV 1,5/ 7-G-3,5
Jul 20, 2022
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1779527 PHOENIX-1779527 Datasheet
320Kb / 8P
PCB header - MCV 1,5/10-G-3,5 P26 THR
Jan 3, 2023
1779381 PHOENIX-1779381 Datasheet
323Kb / 8P
PCB header - MCV 1,5/ 3-G-3,5 P26 THR
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
1843729 PHOENIX-1843729 Datasheet
470Kb / 12P
PCB header - MCV 1,5/14-G-3,5
1843761 PHOENIX-1843761 Datasheet
422Kb / 11P
PCB header - MCV 1,5/18-G-3,5
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com