Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575S-12 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2575S-12 Datasheet PDF - National Semiconductor (TI)
Part # LM2575S-12
Download  LM2575S-12 Download
File Size   848.27 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator

LM2575S-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2575S-12 Datasheet PDF - National Semiconductor (TI)

Part # LM2575S-12
Download  LM2575S-12 Click to download

File Size   848.27 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator

LM2575S-12 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2575S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575S-12 NSC-LM2575S-12 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575S-12 TI1-LM2575S-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575S-12 TI1-LM2575S-12 Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575S-12 UMW-LM2575S-12 Datasheet
1Mb / 17P
2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575S-12/NOPB TI1-LM2575S-12/NOPB Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Similar Description - LM2575S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com