Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RST2520H Datasheet (PDF) - Rakon Limited

RST2520H Datasheet PDF - Rakon Limited
Part # RST2520H
Download  RST2520H Download
File Size   367.63 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH STABILITY SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS

RST2520H Datasheet (PDF)

Go To PDF Page Download Datasheet
RST2520H Datasheet PDF - Rakon Limited

Part # RST2520H
Download  RST2520H Click to download

File Size   367.63 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH STABILITY SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS

RST2520H Datasheet (HTML) - Rakon Limited


RST2520H Product details

Features
 High-end operating temperature up to 105°C
 Frequency stability ±0.5 ppm over extended temperatures
 Excellent phase noise performance
 Output: Clipped sinewave, temperature sensor

Applications
 Automotive
 Communications
 Consumer devices
 Wi-Fi




Similar Part No. - RST2520H

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RST2520HC RAKON-RST2520HC Datasheet
349Kb / 2P
High Temperature SMD TCXO/VCTCXO | Automotive and Communications
15 November 2024
More results


Similar Description - RST2520H

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com